Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRF1010ZSPBF Datasheet(PDF) 4 Page - International Rectifier |
|
IRF1010ZSPBF Datasheet(HTML) 4 Page - International Rectifier |
4 / 13 page IRF1010ZS/LPbF 4 www.irf.com Fig 8. Maximum Safe Operating Area Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 7. Typical Source-Drain Diode Forward Voltage 1 10 100 VDS, Drain-to-Source Voltage (V) 0 1000 2000 3000 4000 5000 Coss Crss Ciss VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd 0 20 406080 100 QG Total Gate Charge (nC) 0 4 8 12 16 20 VDS= 44V VDS= 28V ID= 75A 0.2 0.6 1.0 1.4 1.8 VSD, Source-toDrain Voltage (V) 0.1 1.0 10.0 100.0 1000.0 TJ = 25°C TJ = 175°C VGS = 0V 1 10 100 1000 VDS , Drain-toSource Voltage (V) 0.1 1 10 100 1000 10000 Tc = 25°C Tj = 175°C Single Pulse 1msec 10msec OPERATION IN THIS AREA LIMITED BY RDS(on) 100µsec |
Número de pieza similar - IRF1010ZSPBF |
|
Descripción similar - IRF1010ZSPBF |