Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7353D1PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7353D1PBF
Descripción Electrónicos  FETKY??MOSFET / Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7353D1PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7353D1PBF Datasheet HTML 1Page - International Rectifier IRF7353D1PBF Datasheet HTML 2Page - International Rectifier IRF7353D1PBF Datasheet HTML 3Page - International Rectifier IRF7353D1PBF Datasheet HTML 4Page - International Rectifier IRF7353D1PBF Datasheet HTML 5Page - International Rectifier IRF7353D1PBF Datasheet HTML 6Page - International Rectifier IRF7353D1PBF Datasheet HTML 7Page - International Rectifier IRF7353D1PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7353D1PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
V
VGS = 0V, ID = 250µA
RDS(on)
Static Drain-to-Source On-Resistance
0.023 0.032
VGS = 10V, ID = 5.8A
0.032 0.046
VGS = 4.5V, ID = 4.7A
VGS(th)
Gate Threshold Voltage
1.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
14
S
VDS = 24V, ID = 5.8A
IDSS
Drain-to-Source Leakage Current
1.0
VDS = 24V, VGS = 0V
——
25
VDS = 24V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-Source Forward Leakage
100
VGS = 20V
Gate-to-Source Reverse Leakage
-100
VGS = -20V
Qg
Total Gate Charge
22
33
ID = 5.8A
Qgs
Gate-to-Source Charge
2.6
3.9
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
6.4
9.6
VGS = 10V (see figure 8)
td(on)
Turn-On Delay Time
8.1
12
VDD = 15V
tr
Rise Time
8.9
13
ID = 1.0A
td(off)
Turn-Off Delay Time
26
39
RG = 6.0Ω
tf
Fall Time
17
26
RD = 15Ω
Ciss
Input Capacitance
650
VGS = 0V
Coss
Output Capacitance
320
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
130
ƒ = 1.0MHz (see figure 7)
MOSFET Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
µA
nA
ns
Parameter
Min. Typ.
Max.
Units
Conditions
IS
Continuous Source Current (Body Diode) —
2.5
A
ISM
Pulsed Source Current (Body Diode)
30
VSD
Body Diode Forward Voltage
0.78
1.0
V
TJ = 25°C, IS = 1.7A, VGS = 0V
trr
Reverse Recovery Time (Body Diode)
45
68
ns
TJ = 25°C, IF = 1.7A
Qrr
Reverse Recovery Charge
58
87
nC
di/dt = 100A/µs
Â
MOSFET Source-Drain Ratings and Characteristics
Parameter
Max. Units.
Conditions
IF(av)
Max. Average Forward Current
2.7
50% Duty Cycle. Rectangular Wave, TA = 25°C
1.9
TA = 70°C
ISM
Max. peak one cycle Non-repetitive
120
5µs sine or 3µs Rect. pulse
Following any rated
Surge current
11
10ms sine or 6ms Rect. pulse load condition &
with V
RRM
applied
A
A
Schottky Diode Maximum Ratings
Schottky Diode Electrical Specifications
V
mA
Parameter
Max. Units
Conditions
VFM
Max. Forward voltage drop
0.50
IF = 1.0A, TJ = 25°C
0.62
IF = 2.0A, TJ = 25°C
0.39
IF = 1.0A, TJ = 125°C
0.57
IF = 2.0A, TJ = 125°C .
IRM
Max. Reverse Leakage current
0.06
VR = 30V
TJ = 25°C
16
TJ = 125°C
Ct
Max. Junction Capacitance
92
pF
VR = 5Vdc ( 100kHz to 1 MHz) 25°C
dv/dt
Max. Voltage Rate of Charge
3600 V/ µs
Rated VR
See Fig. 14


Número de pieza similar - IRF7353D1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
More results

Descripción similar - IRF7353D1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
   FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com