Nombre de pieza
         Descripción
KK2003A

 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS ( 8 Page)


KODENSHI
100% 
Zoom Out Zoom In
   
 2 page
background image
KK2003A
Absolute maximum ratings at 25°C free-air temperature (unless otherwise noted)
Collector-emitter voltage
50 V
Input voltage, VI (see Note 1)
30 V Peak
collector current (see Figures 14 and 15)
500 mA
Output clamp current, IOK
500 mA
Total emitter-terminal current
–2.5 A
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–20°C to 85°C
Storage temperature range, Tstg
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
NOTE 1: All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
Electrical characteristics, TA = 25°C (unless otherwise noted)
2
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SN75423HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS 1 2 3 4 5 MoreTexas Instruments
UNL2803High-Voltage High-Current Darlington Arrays 1 2 3 4 5 List of Unclassifed Manufacturers
ULN2004AIHIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
ULN2003AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreAllegro MicroSystems
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
ULN2001A_07HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
ULQ2003A-Q1_07HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
MC1413_06High Voltage High Current Darlington Transistor Arrays 1 2 3 4 5 MoreON Semiconductor
HFA3046_05Ultra High Frequency Transistor Arrays 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl