Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25CL04-G Datasheet(PDF) 9 Page - Ramtron International Corporation

No. de pieza FM25CL04-G
Descripción Electrónicos  4Kb FRAM Serial 3V Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL04-G Datasheet(HTML) 9 Page - Ramtron International Corporation

Back Button FM25CL04-G Datasheet HTML 4Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 5Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 6Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 7Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 8Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 9Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 10Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 11Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
N
O
T
R
EC
O
M
ME
N
D
ED
FO
R
N
EW
D
ES
IG
N
S
R
ep
la
ce
d
by
FM
25
L0
4
Rev. 3.1
May 2005
Page 9 of 12
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only, and the functional operation of the device at these or any other conditions above those listed in the operational
section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may
affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
3.3
3.65
V
IDD
VDD Supply Current
@ SCK = 100 kHz
@ SCK = 1.0 MHz
@ SCK = 5.0 MHz
@ SCK = 20.0 MHz
0.02
0.1
0.5
2
0.03
0.17
0.75
3.0
mA
1
ISB
Standby Current
-
1
µA
2
ILI
Input Leakage Current
-
±1
µA
3
ILO
Output Leakage Current
-
±1
µA
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@ IOH = -2 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@ IOL = 2 mA
-
0.4
V
VHYS
Input Hysteresis
0.05 VDD
-
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VSS ≤ VIN ≤ VDD and VSS ≤ VOUT ≤ VDD.
4.
This parameter is characterized but not 100% tested.


Número de pieza similar - FM25CL04-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM25CL04-S ETC-FM25CL04-S Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
More results

Descripción similar - FM25CL04-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com