Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC153 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74VHC153
Descripción Electrónicos  Dual 4-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC153 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC153 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC153 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC153 Rev. 1.2
5
DC Electrical Characteristics
AC Electrical Characteristics
Note:
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation: ICC (opr.) = CPD • VCC • fIN + ICC
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.50
1.50
V
3.0–5.5
0.7 x VCC
0.7 x VCC
VIL
LOW Level Input
Voltage
2.0
0.50
0.50
V
3.0–5.5
0.3 x VCC
0.3 x VCC
VOH
HIGH Level
Output Voltage
2.0
VIN = VIH
or VIL
IOH = –50µA
1.9
2.0
1.9
V
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
3.0
IOH = –4mA
2.58
2.48
4.5
IOH = –8mA
3.94
3.80
VOL
LOW Level
Output Voltage
2.0
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
3.0
IOL = 4mA
0.36
0.44
4.5
IOL = 8mA
0.36
0.44
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay,
In to Zn
3.3 ± 0.3
CL = 15pF
7.7
11.9
1.0
14.0
ns
CL = 50pF
10.2
15.4
1.0
17.5
5.0 ± 0.5
CL = 15pF
5.0
7.7
1.0
9.0
ns
CL = 50pF
6.5
9.7
1.0
11.0
tPLH, tPHL Propagation Delay,
Sn to Zn
3.3 ± 0.3
CL = 15pF
10.8
16.7
1.0
19.5
ns
CL = 50pF
13.3
20.2
1.0
23.0
5.0 ± 0.5
CL = 15pF
6.8
9.9
1.0
11.5
ns
CL = 50pF
8.3
11.9
1.0
13.5
tPLH, tPHL Propagation Delay,
En to Zn
3.3 ± 0.3
CL = 15pF
6.3
10.1
1.0
12.0
ns
CL = 50pF
8.8
13.6
1.0
15.5
5.0 ± 0.5
CL = 15pF
4.4
6.4
1.0
7.5
ns
CL = 50pF
5.9
8.4
1.0
9.5
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(2)
20
pF


Número de pieza similar - 74VHC153

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC153 FAIRCHILD-74VHC153 Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
logo
Toshiba Semiconductor
74VHC153FT TOSHIBA-74VHC153FT Datasheet
188Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
Fairchild Semiconductor
74VHC153M FAIRCHILD-74VHC153M Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
74VHC153M FAIRCHILD-74VHC153M Datasheet
260Kb / 9P
   Dual 4-Input Multiplexer
74VHC153MTC FAIRCHILD-74VHC153MTC Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
More results

Descripción similar - 74VHC153

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com