Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC374CDRG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TLC374CDRG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 28 page TLC374, TLC374Q, TLC374Y LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS SLCS118C – NOVEMBER 1983 – REVISED MARCH 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS TLC374Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VIC = VICRmin, See Note 4 1 5 mV IIO Input offset current 1 pA IIB Input bias current 5 pA VICR Common-mode input voltage range 0 to VDD – 1 V IOH High-level output current VID = 1 V, VOH = 5 V 0.1 nA VOL Low-level output voltage VID = – 1 V, IOL = 4 mA 150 400 mV IOL Low-level output current VID = – 1 V, VOL = 1.5 mV 6 16 mA IDD Supply current (four comparators) VID =1 V, No load 300 600 µA NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V or below 400 mV with a 10-k Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and checking for the appropriate output state. switching characteristics, VDD = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TLC374Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL connected to 5 V through 5.1 kΩ, † 100-mV input step with 5-mV overdrive 650 ns Response time L g CL = 15 pF †, See Note 5 TTL-level input step 200 ns † CL includes probe and jig capacitance. NOTE 4: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
Número de pieza similar - TLC374CDRG4 |
|
Descripción similar - TLC374CDRG4 |