Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC374IN Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TLC374IN Datasheet(HTML) 5 Page - Texas Instruments |
5 / 28 page electrical characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA† TLC374C TLC374I TLC374M UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VIC =VICRmin See Note 4 25 °C 1 5 1 5 1 5 mV VIO Input offset voltage VIC = VICRmin, See Note 4 Full range 6.5 7 10 mV IIO Input offset current 25 °C 1 1 1 pA IIO Input offset current MAX 0.3 1 10 nA IIB Input bias current 25 °C 5 5 5 pA IIB Input bias current MAX 0.6 2 20 nA VICR Common-mode input 25 °C 0 to VDD – 1 0 to VDD – 1 0 to VDD – 1 V VICR voltage range Full range 0 to VDD – 1.5 0 to VDD – 1.5 0 to VDD – 1.5 V IOH High level output current VID =1 V VOH = 5 V 25 °C 0.1 0.1 0.1 nA IOH High-level output current VID = 1 V VOH = 15 V Full range 1 1 1 µA VOL Low level output voltage VID = 1V IOL =4mA 25 °C 150 400 150 400 150 400 mV VOL Low-level output voltage VID = – 1 V, IOL = 4 mA Full range 700 700 700 mV IOL Low-level output current VID = –1 V, VOL = 1.5 V 25 °C 6 16 6 16 6 16 mA IDD Supply current VID =1V No load 25 °C 300 600 300 600 300 600 µA IDD y (four comparators) VID = 1 V, No load Full range 800 800 800 µA † All characteristics are measured with zero common-mode input voltage unless otherwise noted. Full range is 0 °C to 70°C for TLC374C, –40°C to 85°C for TLC374I, and –55°C to 125 °C for the TLC374M, and –40°C to 125°C for TLC374Q. MAX is 70°C for TLC374C, 85°C TLC374I, and 125°C for the TLC374M, and 125°C for TLC374Q. IMPORTANT: See Parameter Measurement Information. NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V or below 400 mV with a 10-k Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and checking for the appropriate output state. switching characteristics, VDD = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TLC374C, TLC374I TLC374M, TLC374Q UNIT MIN TYP MAX Response time RL connected to 5 V through 5.1 kΩ, ‡ 100-mV input step with 5-mV overdrive 650 ns Response time L g CL = 15 pF ‡, See Note 5 TTL-level input step 200 ns ‡ CL includes probe and jig capacitance. NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
Número de pieza similar - TLC374IN |
|
Descripción similar - TLC374IN |