Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC03RE-1.8TE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

No. de pieza CAT24WC03RE-1.8TE13
Descripción Electrónicos  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC03RE-1.8TE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24WC03RE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT24WC03RE-1.8TE13 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Discontinued
Parts
CAT24WC03/05
10
Doc. No. 1005, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8 LEAD MSOP (R, Z, GZ)
0.0150
0.0110
0.38
0.28
0.1970
0.1890
5.00
4.80
S
0.0256 [0.65] BSC
0.1220
0.1142
3.10
2.90
0.0433 [1.10] MAX.
0.039 [0.10] MAX.
S
0.0059
0.0020
0.15
0.05
S
0.0374
0.0295
0.95
0.75
0.0276
0.0157
0.70
0.40
0.1220
0.1142
3.10
2.90
0˚ - 6˚
0.0091
0.0051
0.23
0.13
0.0118 [0.30] REF.
BASE METAL
0.0050 [0.127]
0.0150
0.0110
0.38
0.28
WITH
PLATING
SECTION A - A
WITH PLATING
Notes:
(1) All dimensions are in mm Angles in degrees.
2
Does not include Mold Flash, Protrusion or Gate Burrs. Mold Flash, Protrusions or Gate Burrs shall not exceed 0.15 mm. per side.
3
Does not include Interlead Flash orProtrusion. Interlead Flash or Protrusion shall not exceed 0.25 mm per side.
4
Does not include Dambar Protrusion, allowable Dambar Protrusion shall be 0.08 mm.
(5) This part is compliant with JEDEC Specification MO-187 Variations AA.
(6) Lead span/stand off height/coplanarity are considered as special characteristics. (S)
(7) Controlling dimensions in inches. [mm]


Número de pieza similar - CAT24WC03RE-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J CATALYST-CAT24WC03J Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J-1.8 CATALYST-CAT24WC03J-1.8 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J-1.8TE13 CATALYST-CAT24WC03J-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03J-TE13 CATALYST-CAT24WC03J-TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Descripción similar - CAT24WC03RE-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com