Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF630PBF Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRF630PBF
Descripción Electrónicos  HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF630PBF Datasheet(HTML) 7 Page - International Rectifier

  IRF630PBF Datasheet HTML 1Page - International Rectifier IRF630PBF Datasheet HTML 2Page - International Rectifier IRF630PBF Datasheet HTML 3Page - International Rectifier IRF630PBF Datasheet HTML 4Page - International Rectifier IRF630PBF Datasheet HTML 5Page - International Rectifier IRF630PBF Datasheet HTML 6Page - International Rectifier IRF630PBF Datasheet HTML 7Page - International Rectifier IRF630PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF630PbF
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
• dv/dt controlled by RG
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
* Reverse Polarity for P-Channel
** Use P-Channel Driver for P-Channel Measurements
Peak Diode Recovery dv/dt Test Circuit
*** VGS = 5.0V for Logic Level and 3V Drive Devices
Fig -14 For N Channel HEXFETS


Número de pieza similar - IRF630PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IRF630PBF VISHAY-IRF630PBF Datasheet
579Kb / 8P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Kersemi Electronic Co.,...
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
   9A,200V Heatsink N-Channel Type Power MOSFET
logo
VBsemi Electronics Co.,...
IRF630PBF VBSEMI-IRF630PBF Datasheet
1Mb / 6P
   N-Channel 200 V (D-S) MOSFET
More results

Descripción similar - IRF630PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
   Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRF9610PBF IRF-IRF9610PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS=-200V , RDS(on)=3.0廓 , ID=-1.8A )
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com