Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25020 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT25020
Descripción Electrónicos  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25020 Datasheet HTML 5Page - Catalyst Semiconductor CAT25020 Datasheet HTML 6Page - Catalyst Semiconductor CAT25020 Datasheet HTML 7Page - Catalyst Semiconductor CAT25020 Datasheet HTML 8Page - Catalyst Semiconductor CAT25020 Datasheet HTML 9Page - Catalyst Semiconductor CAT25020 Datasheet HTML 10Page - Catalyst Semiconductor CAT25020 Datasheet HTML 11Page - Catalyst Semiconductor CAT25020 Datasheet HTML 12Page - Catalyst Semiconductor CAT25020 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ
instruction followed by a 8-bit address (for the
CAT25040, bit 3 of the read instruction opcode
contains A8 address bit).
After
receiving
the
last
address
bit,
the
CAT25010/20/40 will respond by shifting out data on
the SO pin (as shown in Figure 8). Sequentially stored
data can be read out by simply continuing to run the
clock. The internal address pointer is automatically
incremented to the next higher address as data is
shifted out. After reaching the highest memory
address, the address counter “rolls over” to the lowest
memory address, and the read cycle can be continued
indefinitely. The read operation is terminated by taking
CS
¯¯ high.
Read Status Register
To read the status register, the host simply sends a
RDSR command. After receiving the last bit of the
command, the CAT25010/20/40 will shift out the
contents of the status register on the SO pin
(Figure 9). The status register may be read at any
time, including during an internal write cycle.
Figure 8. READ Timing
Notes:
Dashed Line = mode (1, 1) - - - - - -
* X = 0 for CAT25010, CAT25020. X = A8 for CAT25040
Figure 9. RDSR Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
SCK
SI
SO
BYTE ADDRESS
01
23
456
78
9
D7 D6 D5 D4 D3 D2 D1 D0
CS
DATA OUT
MSB
HIGH IMPEDANCE
A0
OPCODE
13
12
14 15
16
17
18 19
20
21 22
00
00
X*
0
1
1
A7


Número de pieza similar - CAT25020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020 ONSEMI-CAT25020 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25020 ONSEMI-CAT25020 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25020 ONSEMI-CAT25020 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAT25020HU4E.GT3 ONSEMI-CAT25020HU4E.GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
More results

Descripción similar - CAT25020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com