Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML0308B Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

No. de pieza ML0308B
Descripción Electrónicos  Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINILOGIC [Minilogic Device Corporation Limited]
Página de inicio  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML0308B Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML0308B Datasheet HTML 1Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 2Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 3Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 4Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 5Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 6Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 7Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 8Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 9Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ML0308 Preliminary
______________________________________________________________________________________________________
5/9
Rev. B, July 2005
APPLICATION INFORMATION
Choosing an Inductor
Several recommended inductors that work well
with the ML0308. Consult each manufacturer for
more detailed information and for their entire
selection of related parts. Many different sizes and
shapes are available. Use the equations and
recommendations in the next few sections to find
the correct inductance value for your design.
Inductor Selection—Boost Regulator
The formula below calculates the appropriate
inductor value to be used for a boost regulator
using the ML0308 (or at least provides a good
starting point). This value provides a good
tradeoff in inductor size and system performance.
Pick a standard inductor close to this value. A
larger value can be used to slightly increase the
available output current, but limit it to around
twice the value calculated below, as too large of
an inductance will increase the output voltage
ripple without providing much additional output
current. A smaller value can be used (especially
for systems with output voltages greater than 12V)
to give a smaller physical size. Inductance can be
calculated as:
OFF
LIMIT
D
MIN
IN
OUT
t
I
V
V
V
L
+
=
)
(
where VD = 0.4V (Schottky diode voltage), ILIMIT
= 180mA, and tOFF = 250ns; for designs with
varying VIN such as battery powered applications,
use the minimum VIN value in the above equation.
For most systems with output voltages below 7V,
a 4.7uH inductor is the best choice, even though
the equation above might specify a smaller value.
This is due to the inductor current overshoot that
occurs when very small inductor values are used
(see Current Limit Overshoot section). For higher
output voltages, the formula above will give large
inductance values. For a 3V to 16V converter
(typical LCD Bias application), a 22uH inductor is
called for with the above equation, but a 10uH
inductor
could
be
used
without
excessive
reduction in maximum output current.
Current Limit Overshoot
For a fixed duty ratio PFM control scheme of the
ML0308, the power switch is turned off after 3/4
of a cycle or the 180mA current limit is reached.
There is a 100ns delay between the time when the
current limit is reached and when the switch
actually turns off. During this delay, the inductor
current exceeds the current limit by a small
amount. The peak inductor current can be
calculated by
d
DSSAT
MAX
IN
LIMIT
PEAK
t
L
V
V
I
I


+
=
)
(
Where VDSSAT = 0.25V (switch saturation voltage)
and td = 100ns. The current overshoot will be most
evident for systems with high input voltages and
for systems where smaller inductor values are
used. This overshoot can be beneficial as it helps
increase the amount of available output current for
smaller inductor values. This will be the peak
current seen by the inductor (and the diode) during
normal
operation.
For
designs
using
small
inductance values (especially at input voltages
greater than 5V), the current limit overshoot can
be quite high. Although it is internally current
limited to 180mA, the power switch of the
ML0308 can handle larger currents without
problem, but the overall efficiency will suffer.


Número de pieza similar - ML0308B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308 Datasheet
271Kb / 4P
   ML0308 Backlight LED Boost Converter
More results

Descripción similar - ML0308B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266B RICHTEK-RT9266B Datasheet
316Kb / 13P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Leshan Radio Company
LR9908 LRC-LR9908 Datasheet
427Kb / 8P
   TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com