Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT25040VP2ET3 Datasheet(PDF) 4 Page - Catalyst Semiconductor |
|
CAT25040VP2ET3 Datasheet(HTML) 4 Page - Catalyst Semiconductor |
4 / 17 page CAT25010, CAT25020, CAT25040 © Catalyst Semiconductor, Inc. 4 Doc. No. MD-1006 Rev. T Characteristics subject to change without notice PIN DESCRIPTION SI: The serial data input pin accepts op-codes, addresses and data. In SPI modes (0,0) and (1,1) input data is latched on the rising edge of the SCK clock input. SO: The serial data output pin is used to transfer data out of the device. In SPI modes (0,0) and (1,1) data is shifted out on the falling edge of the SCK clock. SCK: The serial clock input pin accepts the clock provided by the host and used for synchronizing communication between host and CAT25010/20/40. CS ¯¯ : The chip select input pin is used to enable/disable the CAT25010/20/40. When CS ¯¯ is high, the SO output is tri-stated (high impedance) and the device is in Standby Mode (unless an internal write operation is in progress). Every communication session between host and CAT25010/20/40 must be preceded by a high to low transition and concluded with a low to high transition of the CS ¯¯ input. WP ¯¯¯: The write protect input pin will allow all write operations to the device when held high. When WP ¯¯¯ pin is tied low all write operations are inhibited. HOLD ¯¯¯¯¯: The HOLD ¯¯¯¯¯ input pin is used to pause trans– mission between host and CAT25010/20/40, without having to retransmit the entire sequence at a later time. To pause, HOLD ¯¯¯¯¯ must be taken low and to resume it must be taken back high, with the SCK input low during both transitions. When not used for pausing, the HOLD ¯¯¯¯¯ input should be tied to VCC, either directly or through a resistor. FUNCTIONAL DESCRIPTION The CAT25010/20/40 devices support the Serial Peripheral Interface (SPI) bus protocol, modes (0,0) and (1,1). The device contains an 8-bit instruction register. The instruction set and associated op-codes are listed in Table 1. Reading data stored in the CAT25010/20/40 is accom– plished by simply providing the READ command and an address. Writing to the CAT25010/20/40, in addition to a WRITE command, address and data, also requires enabling the device for writing by first setting certain bits in a Status Register, as will be explained later. After a high to low transition on the CS ¯¯ input pin, the CAT25010/20/40 will accept any one of the six instruction op-codes listed in Table 1 and will ignore all other possible 8-bit combinations. The communication protocol follows the timing from Figure 1. Table 1: Instruction Set (1) Instruction Opcode Operation WREN 0000 0110 Enable Write Operations WRDI 0000 0100 Disable Write Operations RDSR 0000 0101 Read Status Register WRSR 0000 0001 Write Status Register READ 0000 X011 Read Data from Memory WRITE 0000 X010 Write Data to Memory Note: (1) X = 0 for CAT25010, CAT25020. X = A8 for CAT25040 Figure 1. Synchronous Data Timing Note: Dashed Line = mode (1, 1) - - - - - - VALID IN VIH VIL tCSS VIH VIL VIH VIL VOH VOL HI-Z tSU tH tWH tWL tV tCS tCSH tHO tDIS HI-Z CS SCK SI SO tRI tFI |
Número de pieza similar - CAT25040VP2ET3 |
|
Descripción similar - CAT25040VP2ET3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |