Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9245BCPZRL7-652 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9245BCPZRL7-652
Descripción Electrónicos  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9245BCPZRL7-652 Datasheet(HTML) 4 Page - Analog Devices

  AD9245BCPZRL7-652 Datasheet HTML 1Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 2Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 3Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 4Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 5Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 6Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 7Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 8Page - Analog Devices AD9245BCPZRL7-652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9245
Rev. D | Page 4 of 32
AVDD = 3 V, DRVDD = 2.5 V, sample rate = 80 MSPS, 2 V p-p differential input, 1.0 V external reference, unless otherwise noted.
Table 2.
AD9245BCP-80
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
No Missing Codes
Guaranteed
Offset Error1
±0.30
±1.2
% FSR
Gain Error
±0.28
% FSR
Gain Error1
±0.70
±4.16
% FSR
Differential Nonlinearity (DNL)2
±0.5
±1.0
LSB
Integral Nonlinearity (INL)2
±1.4
±5.15
LSB
TEMPERATURE DRIFT
Offset Error1
±10
ppm/°C
Gain Error
±12
ppm/°C
Gain Error1
±17
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
±3
±34
mV
Load Regulation @ 1.0 mA
±2
mV
Output Voltage Error (0.5 V Mode)
±6
mV
Load Regulation @ 0.5 mA
±1
mV
INPUT REFERRED NOISE
VREF = 0.5 V
1.86
LSB rms
VREF = 1.0 V
1.17
LSB rms
ANALOG INPUT
Input Span, VREF = 0.5 V
1
V p-p
Input Span, VREF = 1.0 V
2
V p-p
Input Capacitance3
7
pF
REFERENCE INPUT RESISTANCE
7
POWER SUPPLIES
Supply Voltage
AVDD
2.7
3.0
3.6
V
DRVDD
2.25
2.5
3.6
V
Supply Current
IAVDD2
122
138
mA
IDRVDD2
9
mA
PSRR
±0.01
% FSR
POWER CONSUMPTION
Low Frequency Input4
366
mW
Standby Power5
1.0
mW
1 With a 1.0 V internal reference.
2 Measured at the maximum clock rate, low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AGND. See Figure 4 for the equivalent analog input structure.
4 Measured at ac specification conditions without output drivers.
5 Standby power is measured with a dc input, CLK pin inactive (that is, set to AVDD or AGND).


Número de pieza similar - AD9245BCPZRL7-652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-65EB AD-AD9245BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-80EB AD-AD9245BCP-80EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Descripción similar - AD9245BCPZRL7-652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com