Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP2640N3-G Datasheet(PDF) 3 Page - Supertex, Inc

No. de pieza TP2640N3-G
Descripción Electrónicos  P- Channel Enhancement-Mode Vertical DMOS FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUTEX [Supertex, Inc]
Página de inicio  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640N3-G Datasheet(HTML) 3 Page - Supertex, Inc

  TP2640N3-G Datasheet HTML 1Page - Supertex, Inc TP2640N3-G Datasheet HTML 2Page - Supertex, Inc TP2640N3-G Datasheet HTML 3Page - Supertex, Inc TP2640N3-G Datasheet HTML 4Page - Supertex, Inc TP2640N3-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TP2635/TP2640
Typical Performance Curves
Output Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
VDS (volts)
Saturation Characteristics
VDS (volts)
Maximum Rated Safe Operating Area
-1
-1000
-100
-10
-10
-1.0
-0.1
-0.01
-0.001
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1.0
tp (seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
-0.8
-0.4
ID (amperes)
Power Dissipation vs. Temperature
0150
100
50
2.0
1.6
1.2
0.8
0.4
0
125
75
25
TC C)
°
(
TO-92
TC = 25°C
PD = 1.0W
SO-8
TO-92
TA = -55°C
VDS = -25V
0
-10
-20
-30
-50
-40
0
-2
-4
-6
-10
-8
25
°C
125
°C
-1.2
-2.0
-1.6
-1.0
-0.8
-0.6
-0.4
-0.2
0
VGS = -10V
-3V
-4V
-6V
-8V
VGS = -10V
-8V
-6V
-3V
-4V
SO-8 (pulsed)
TC = 25°C
TO-92 (DC)
TO-92 (pulsed)
SO-8
(DC)


Número de pieza similar - TP2640N3-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
TP2640N3-G SUTEX-TP2640N3-G Datasheet
738Kb / 6P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP2640N3-GP002 SUTEX-TP2640N3-GP002 Datasheet
738Kb / 6P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP2640N3-GP003 SUTEX-TP2640N3-GP003 Datasheet
738Kb / 6P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP2640N3-GP005 SUTEX-TP2640N3-GP005 Datasheet
738Kb / 6P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP2640N3-GP013 SUTEX-TP2640N3-GP013 Datasheet
738Kb / 6P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results

Descripción similar - TP2640N3-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com