Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC139PWRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74HC139PWRG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 18 page SN54HC139, SN74HC139 DUAL 2LINE TO 4LINE DECODERS/DEMULTIPLEXERS SCLS108D − DECEMBER 1982 − REVISED SEPTEMBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 1. Load Circuit and Voltage Waveforms |
Número de pieza similar - SN74HC139PWRG4 |
|
Descripción similar - SN74HC139PWRG4 |