Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDHV2512AF2005M2500GE1 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza CDHV2512AF2005M2500GE1
Descripción Electrónicos  High Voltage Chip Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDHV2512AF2005M2500GE1 Datasheet(HTML) 2 Page - Vishay Siliconix

  CDHV2512AF2005M2500GE1 Datasheet HTML 1Page - Vishay Siliconix CDHV2512AF2005M2500GE1 Datasheet HTML 2Page - Vishay Siliconix CDHV2512AF2005M2500GE1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDHV 2512
Vishay Techno
High Voltage Chip Divider
www.vishay.com
Document Number: 68020
2
Revision: 18-Nov-05
DIMENSIONAL CONFIGURATIONS in inches [millimeters]
TERMINATION
LENGTH (L)
± 0.006 [0.152]
WIDTH (W)
± 0.006 [0.152]
THICKNESS (T)
± 0.002 [0.051]
A ± 0.005
B ± 0.005
C ± 0.005
E ± 0.005
STYLE A
(Wraparound 3
Sided)
0.250
0.126
0.025
0.025
0.025
0.040
0.046
STYLE B
(Top only)
0.240
0.126
0.025
0.025
0.025
0.040
-
DERATING CURVE
(Reference only: Not for all values specified. Consult factory for your size and value.)
ORDERING INFORMATION
CDHV2512
A
A
2005
J
2500
G
e1
MODEL
TERMINATION
STYLE
TERMINATION
MATERIAL
VALUE
R1
ABSOLUTE
TOLERANCE
RATIO
R1/R2
RATIO
TOLERANCE
TERMINATION
MATERIAL
A = Wraparound
B = Top only
A = Palladium Silver
B = Platinum Gold
C = Gold
D = Platinum Silver
E = Palladium Gold
F = Nickel Barrier
Resistance Value of R1:
The first 3 digits are
significant. The last digit
specifies the number of
zeros to follow.
F = 1 %
G = 2 %
H = 3 %
J = 5 %
K = 10 %
M = 20 %
The first 3 digits
are significant.
The last digit
specifies the
number of zeros to
follow.
F = 1 %
G = 2 %
H = 3 %
J = 5 %
S2 = Sn62
e1 = Sn95/5
B
B
C
C
T
T
A
A
W
W
L
STYLE A
STYLE B
B
A
B
A
STYLE A BOTTOM
(WRAPAROUND 3 SIDED)
E
C
B
W
A
20
50
70
100
150
120
100
80
60
40
20
0
AMBIENT TEMP. DEG. CENTIGRADE


Número de pieza similar - CDHV2512AF2005M2500GE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CDHV2512AF20M0F0500GE1 VISHAY-CDHV2512AF20M0F0500GE1 Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GEB VISHAY-CDHV2512AF20M0F0500GEB Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GEF VISHAY-CDHV2512AF20M0F0500GEF Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GF1 VISHAY-CDHV2512AF20M0F0500GF1 Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GFB VISHAY-CDHV2512AF20M0F0500GFB Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
More results

Descripción similar - CDHV2512AF2005M2500GE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
logo
Stackpole Electronics, ...
HVD SEI-HVD Datasheet
327Kb / 5P
   High Voltage Plate Resistor Divider
02/08/2021
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
TT Electronics.
SS103VD TTELEC-SS103VD Datasheet
105Kb / 3P
   Voltage divider circuit
logo
American Accurate Compo...
PPS-05A-50R0MLF AAC-PPS-05A-50R0MLF Datasheet
171Kb / 2P
   POWER SPLITTER - High Precision Power Chip Divider
logo
List of Unclassifed Man...
THV10 ETC-THV10 Datasheet
46Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10 Datasheet
225Kb / 1P
   Type THV Precision High Voltage Divider Networks
THV10 CADDOCK-THV10_17 Datasheet
360Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
IET Labs Inc.
KVD-500 IET-KVD-500 Datasheet
329Kb / 2P
   Kelvin-Varley Voltage Divider
04-13-2011
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com