Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LV221ANSRE4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74LV221ANSRE4
Descripción Electrónicos  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74LV221ANSRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV221ANSRE4 Datasheet HTML 2Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 3Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 4Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 5Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 6Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 7Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 8Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 9Page - Texas Instruments SN74LV221ANSRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN54LV221A, SN74LV221A
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS450G − DECEMBER 1999 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LV221A
SN74LV221A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
VCC−0.1
VOH
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −6 mA
3 V
2.48
2.48
V
IOH = −12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 6 mA
3 V
0.44
0.44
V
IOL = 12 mA
4.5 V
0.55
0.55
Rext/Cext†
VI = 5.5 V or GND
2 V to 5.5 V
±2.5
±2.5
II
A, B, and CLR
VI = 5.5 V or GND
0
±1
±1
µA
II
A, B, and CLR
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
ICC
Quiescent
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
2.3 V
220
220
ICC
Active state
VI = VCC or GND,
3 V
280
280
A
ICC
Active state
(per circuit)
VI = VCC or GND,
Rext/Cext = 0.5 VCC
4.5 V
650
650
µA
(per circuit)
Rext/Cext = 0.5 VCC
5.5 V
975
975
Ioff
VI or VO = 0 to 5.5 V
0
5
µA
Ci
VI = VCC or GND
3.3 V
1.9
1.9
pF
Ci
VI = VCC or GND
5 V
1.9
1.9
pF
† This test is performed with the terminal in the off-state condition.
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV221A
SN74LV221A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR
6
6.5
6.5
ns
tw
Pulse duration
A or B trigger
6
6.5
6.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV221A
SN74LV221A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR
5
5
5
ns
tw
Pulse duration
A or B trigger
5
5
5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV221A
SN74LV221A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR
5
5
5
ns
tw
Pulse duration
A or B trigger
5
5
5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Número de pieza similar - SN74LV221ANSRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LV221ANSR TI-SN74LV221ANSR Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221ANSR TI-SN74LV221ANSR Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221ANSR TI-SN74LV221ANSR Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Descripción similar - SN74LV221ANSRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com