Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC5615IDGKR Datasheet(PDF) 4 Page - Texas Instruments |
|
TLC5615IDGKR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 21 page www.ti.com VOLTAGE OUTPUT (OUT) DIGITAL INPUT TIMING REQUIREMENTS (See Figure 1) OUTPUT SWITCHING CHARACTERISTICS TLC5615C, TLC5615I SLAS142E – OCTOBER 1996 – REVISED JUNE 2007 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VO Voltage output range RL= 10kΩ 0 VDD–0.4 V Output load regulation accuracy VO(OUT) = 2V, RL = 2kΩ 0.5 LSB IOSC Output short circuit current OUT to VDD or AGND 20 mA VOL(low) Output voltage, low-level IO(OUT)≤ 5mA 0.25 V VOH(high) Output voltage, high-level IO(OUT)≤– 5mA 4.75 V REFERENCE INPUT (REFIN) VI Input voltage 0 VDD–2 V ri Input resistance 10 M Ω Ci Input capacitance 5 pF DIGITAL INPUTS (DIN, SCLK, CS) VIH High-level digital input voltage 2.4 V VIL Low-level digital input voltage 0.8 V IIH High-level digital input current VI = VDD ±1 µA IIL Low-level digital input current VI = 0 ±1 µA Ci Input capacitance 8 pF DIGITAL OUTPUT (DOUT) VOH Output voltage, high-level IO = –2mA VDD–1 V VOL Output voltage, low-level IO = 2mA 0.4 V POWER SUPPLY VDD Supply voltage 4.5 5 5.5 V VDD = 5.5V, No load, Vref = 0 150 250 µA All inputs = 0V or VDD IDD Power supply current VDD= 5.5V, No load, Vref = 2.048V 230 350 µA All inputs = 0V or VDD ANALOG OUTPUT DYNAMIC PERFORMANCE Vref = 1VPP at 1kHz + 2.048Vdc, Signal-to-noise + distortion, S/(N+D) 60 dB code = 11 1111 1111(1) (1) The limiting frequency value at 1VPP is determined by the output-amplifier slew rate. PARAMETER MIN NOM MAX UNIT tsu(DS) Setup time, DIN before SCLK high 45 ns th(DH) Hold time, DIN valid after SCLK high 0 ns tsu(CSS) Setup time, CS low to SCLK high 1 ns tsu(CS1) Setup time, CS high to SCLK high 50 ns th(CSH0) Hold time, SCLK low to CS low 1 ns th(CSH1) Hold time, SCLK low to CS high 0 ns tw(CS) Pulse duration, minimum chip select pulse width high 20 ns tw(CL) Pulse duration, SCLK low 25 ns tw(CH) Pulse duration, SCLK high 25 ns PARAMETER TEST CONDITIONS MIN NOM MAX UNIT tpd(DOUT) Propagation delay time, DOUT CL = 50pF 50 ns 4 Submit Documentation Feedback |
Número de pieza similar - TLC5615IDGKR |
|
Descripción similar - TLC5615IDGKR |