Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDHV2512AA2005H2500HE1 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
CDHV2512AA2005H2500HE1 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 3 page CDHV 2512 Vishay Techno High Voltage Chip Divider www.vishay.com Document Number: 68020 2 Revision: 18-Nov-05 DIMENSIONAL CONFIGURATIONS in inches [millimeters] TERMINATION LENGTH (L) ± 0.006 [0.152] WIDTH (W) ± 0.006 [0.152] THICKNESS (T) ± 0.002 [0.051] A ± 0.005 B ± 0.005 C ± 0.005 E ± 0.005 STYLE A (Wraparound 3 Sided) 0.250 0.126 0.025 0.025 0.025 0.040 0.046 STYLE B (Top only) 0.240 0.126 0.025 0.025 0.025 0.040 - DERATING CURVE (Reference only: Not for all values specified. Consult factory for your size and value.) ORDERING INFORMATION CDHV2512 A A 2005 J 2500 G e1 MODEL TERMINATION STYLE TERMINATION MATERIAL VALUE R1 ABSOLUTE TOLERANCE RATIO R1/R2 RATIO TOLERANCE TERMINATION MATERIAL A = Wraparound B = Top only A = Palladium Silver B = Platinum Gold C = Gold D = Platinum Silver E = Palladium Gold F = Nickel Barrier Resistance Value of R1: The first 3 digits are significant. The last digit specifies the number of zeros to follow. F = 1 % G = 2 % H = 3 % J = 5 % K = 10 % M = 20 % The first 3 digits are significant. The last digit specifies the number of zeros to follow. F = 1 % G = 2 % H = 3 % J = 5 % S2 = Sn62 e1 = Sn95/5 B B C C T T A A W W L STYLE A STYLE B B A B A STYLE A BOTTOM (WRAPAROUND 3 SIDED) E C B W A 20 50 70 100 150 120 100 80 60 40 20 0 AMBIENT TEMP. DEG. CENTIGRADE |
Número de pieza similar - CDHV2512AA2005H2500HE1 |
|
Descripción similar - CDHV2512AA2005H2500HE1 |