Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2254QDG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
TLC2254QDG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 73 page TLC225x, TLC225xA Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2252 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) TSSOP‡ (PW) CERAMIC FLATPACK (U) 0 °C to 70°C 1500 µV TLC2252CD — — TLC2252CP TLC2252CPW — 40 °Cto125°C 850 µV TLC2252AID — — TLC2252AIP TLC2252AIPW — – 40 °C to 125°C µ 1500 µV TLC2252ID — — TLC2252IP — — 40 °Cto125°C 850 µV TLC2252AQD — — — — — – 40 °C to 125°C µ 1500 µV TLC2252QD — — — — — – 55 °C to 125°C 850 µV 1500 µV — — TLC2252AMFK TLC2252MFK TLC2252AMJG TLC2252MJG — — — — TLC2252AMU TLC2252MU † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2262CDR). ‡ The PW package is available only left-ended taped and reeled. § Chip forms are tested at 25 °C only. TLC2254 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) TSSOP‡ (PW) CERAMIC FLATPACK (W) 0 °C to 70 °C 1500 µV TLC2254CD — — TLC2254CN TLC2254CPW — – 40 °C to 850 µV TLC2254AID — — TLC2254AIN TLC2254AIPW — 125 °C µ 1500 µV TLC2254ID — — TLC2254IN — — – 40 °C to 850 µV TLC2254AQD — — — — — 125 °C µ 1500 µV TLC2254QD — — — — — – 55 °C to 850 µV — TLC2254AMFK TLC2254AMJ — — TLC2254AMW 125 °C µ 1500 µV — TLC2254MFK TLC2254MJ — — TLC2254MW † The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2254CDR). ‡ The PW package is available only left-end taped and reeled. Chips are tested at 25 °C. § Chip forms are tested at 25 °C only. |
Número de pieza similar - TLC2254QDG4 |
|
Descripción similar - TLC2254QDG4 |