Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUJ100B Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUJ100B
Descripción Electrónicos  Silicon Diffused Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ100B Datasheet(HTML) 5 Page - NXP Semiconductors

  BUJ100B Datasheet HTML 1Page - NXP Semiconductors BUJ100B Datasheet HTML 2Page - NXP Semiconductors BUJ100B Datasheet HTML 3Page - NXP Semiconductors BUJ100B Datasheet HTML 4Page - NXP Semiconductors BUJ100B Datasheet HTML 5Page - NXP Semiconductors BUJ100B Datasheet HTML 6Page - NXP Semiconductors BUJ100B Datasheet HTML 7Page - NXP Semiconductors BUJ100B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ100B
Fig.13. Inductive switching.
Fig.14. Inductive switching.
tsi = f(h
FE)
tsi = f(I
C)
RESISTIVE SWITCHING
Fig.15. Test circuit resistive load. V
IM = -6 to +8 V
Fig.16. Switching times waveforms with resistive load.
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
Fig.17. Resistive switching.
Fig.18. Resistive switching.
ton = f(I
C)
ts = f(I
C)
23
45
67
89
10
11
0
0.2
0.4
0.6
0.8
1
HFE GAIN (IC/IB)
tsi /us
IC = 1.5A
IC = 1A
IC = 0.5A
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
0.2
0.4
0.6
0.8
1
IC/A
tsi /us
IC/IB = 3
IC/IB = 5
IC/IB = 10
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
0.5
1
1.5
2
IC/A
ton /us
IC/IB = 10
IC/IB = 5
IC/IB = 3
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
0.5
1
1.5
2
2.5
IC/A
ts us
IC/IB = 3
IC/IB = 5
IC/IB = 10
May 2001
5
Rev 1.000


Número de pieza similar - BUJ100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUJ100 PHILIPS-BUJ100 Datasheet
62Kb / 8P
   Silicon Diffused Power Transistor
September 1999 Rev 1.000
logo
WeEn Semiconductors
BUJ100 WEEN-BUJ100 Datasheet
399Kb / 10P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BUJ100AT PHILIPS-BUJ100AT Datasheet
69Kb / 9P
   Silicon Diffused Power Transistor
September 1999 Rev 1.000
BUJ100LR NXP-BUJ100LR Datasheet
155Kb / 11P
   Silicon diffused power transistor
Rev. 01-12 August 2009
BUJ100LR PHILIPS-BUJ100LR_15 Datasheet
156Kb / 12P
   NPN power transistor
Rev. 02-29 July 2010
More results

Descripción similar - BUJ100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com