Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS3A44159RGTRG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TS3A44159RGTRG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 29 page www.ti.com NC4 COM4 NO4 IN3-4 NC3 COM3 NO3 COM1 IN1-2 NO1 NC2 NC1 NO2 COM2 TS3A44159 0.45- Ω QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS SCDS225 – MARCH 2007 SUMMARY OF CHARACTERISTICS(1) Quad 2:1 Multiplexer/Demultiplexer Configuration (4 × SPDT or 2 × DPDT) Number of channels 4 ON-state resistance (ron) 0.45 Ω (max) ON-state resistance match ( ∆r on) 0.07 Ω (max) ON-state resistance flatness (rON(flat)) 0.1 Ω (max) Turn-on/turn-off time (tON/tOFF) 23 ns/32 ns Break-before-make time (tBBM) 30 ns Charge injection (QC) 139 pC Bandwidth (BW) 35 MHz OFF isolation (OISO) –71 dB Crosstalk (XTALK) –73 dB Total harmonic distortion (THD) 0.003% Power-supply current (I+) 0.4 µA Package option 16-pin QFN (1) V+ = 4.3 V, TA = 25°C FUNCTION TABLE NC TO COM, NO TO COM, IN COM TO NC COM TO NO L ON OFF H OFF ON LOGIC DIAGRAM 2 Submit Documentation Feedback |
Número de pieza similar - TS3A44159RGTRG4 |
|
Descripción similar - TS3A44159RGTRG4 |