Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT4094MTE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza CD74HCT4094MTE4
Descripción Electrónicos  High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4094MTE4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT4094MTE4 Datasheet HTML 1Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 2Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 3Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 4Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 5Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 6Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 7Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 8Page - Texas Instruments CD74HCT4094MTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS211D
Features
• Buffered Inputs
• Separate Serial Outputs Synchronous to Both
Positive and Negative Clock Edges For Cascading
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4094 and CD74HCT4094 are 8-stage serial shift
registers having a storage latch associated with each stage
for strobing data from the serial input to parallel buffered
three-state outputs. The parallel outputs may be connected
directly to common bus lines. Data is shifted on positive
clock transitions. The data in each shift register stage is
transferred to the storage register when the Strobe input is
high. Data in the storage register appears at the outputs
whenever the Output-Enable signal is high.
Two serial outputs are available for cascading a number of
these devices. Data is available at the QS1 serial output
terminal on positive clock edges to allow for high-speed
operation in cascaded system in which the clock rise time is
fast. The same serial information, available at the QS2
terminal on the next negative clock edge, provides a means
for cascading these devices when the clock rise time is slow.
Pinout
CD54HC4094 (CERDIP)
CD74HC4094 (PDIP, SOIC, SOP, TSSOP)
CD74HCT4094 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4094F3A
-55 to 125
16 Ld CERDIP
CD74HC4094E
-55 to 125
16 Ld PDIP
CD74HC4094M
-55 to 125
16 Ld SOIC
CD74HC4094MT
-55 to 125
16 Ld SOIC
CD74HC4094M96
-55 to 125
16 Ld SOIC
CD74HC4094NSR
-55 to 125
16 Ld SOP
CD74HC4094PW
-55 to 125
16 Ld TSSOP
CD74HC4094PWR
-55 to 125
16 Ld TSSOP
CD74HC4094PWT
-55 to 125
16 Ld TSSOP
CD74HCT4094E
-55 to 125
16 Ld PDIP
CD74HCT4094M
-55 to 125
16 Ld SOIC
CD74HCT4094MT
-55 to 125
16 Ld SOIC
CD74HCT4094M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
STROBE
DATA
CP
Q0
Q1
Q2
GND
Q3
VCC
Q4
Q5
Q6
Q7
QS2
QS1
OE
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4094, CD74HC4094,
CD74HCT4094
High-Speed CMOS Logic
8-Stage Shift and Store Bus Register, Three-State
[ /Title
(CD74H
C4094,
CD74H
CT4094
)
/Sub-
ject
(High
Speed
CMOS
Logic 8-


Número de pieza similar - CD74HCT4094MTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT4094MTE4 TI-CD74HCT4094MTE4 Datasheet
615Kb / 19P
[Old version datasheet]   HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
More results

Descripción similar - CD74HCT4094MTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094 Datasheet
366Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094 TI-CD74HC4094 Datasheet
50Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Harris Corporation
CD74HC4094 HARRIS-CD74HC4094 Datasheet
69Kb / 8P
   High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094_10 Datasheet
615Kb / 19P
[Old version datasheet]   HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-Stage Shift-and-Store Bus Register
CD4094B TI-CD4094B Datasheet
281Kb / 5P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Intersil Corporation
CD4094BMS INTERSIL-CD4094BMS Datasheet
87Kb / 11P
   CMOS 8-Stage Shift-and-Store Bus Register
December 1992
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
[Old version datasheet]   CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com