Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT4538MTG4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza CD74HCT4538MTG4
Descripción Electrónicos  High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4538MTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HCT4538MTG4 Datasheet HTML 6Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 7Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 8Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 9Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 10Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 11Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 12Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 13Page - Texas Instruments CD74HCT4538MTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Power-Down Mode
During a rapid power-down condition, as would occur with a
power-supply short circuit with a poorly filtered power supply,
the energy stored in CX could discharge into Pin 2 or 14. To
aviod possible device damage in this mode, when CX is ≥
0.5
µF, a protection diode with a 1 ampere or higher rating
(1N5395 or equivalent) and a separate ground return for CX
should be provided as shown in Figure 12.
An alternate protection method is shown in Figure 13, where
a51
Ω current-limiting resistor is inserted in series with CX.
Note that a small pulse width decrease will occur however,
and RX must be appropriately increased to obtain the origi-
nally desired pulse width.
FIGURE 12. RAPID POWER-DOWN PROTECTION CIRCUIT
IN5395
OR
EQUIVALENT
RX
CX
≥0.5µF
1(15)
2(14)
VCC
16
8
+
FIGURE 13. ALTERNATE RAPID POWER-DOWN PROTECTION
CIRCUIT
RX
CX
≥0.5µF
1(15)
2(14)
VCC
16
8
51
CD54HC4538, CD74HC4538, CD54HCT4538, CD74HCT4538


Número de pieza similar - CD74HCT4538MTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT4538MT TI-CD74HCT4538MT Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HCT4538MTE4 TI-CD74HCT4538MTE4 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
More results

Descripción similar - CD74HCT4538MTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com