Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7263BE1M1 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza ST7263BE1M1
Descripción Electrónicos  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 2Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 3Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 4Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 5Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 6Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 7Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 8Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 9Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
6/145
1 Introduction
The ST7263B microcontrollers form a sub-family
of the ST7 MCUs dedicated to USB applications.
The devices are based on an industry-standard 8-
bit core and feature an enhanced instruction set.
They operate at a 24 MHz or 12 MHz oscillator fre-
quency. Under software control, the ST7263B
MCUs may be placed in either Wait or Halt modes,
thus reducing power consumption. The enhanced
instruction set and addressing modes afford real
programming potential. In addition to standard 8-
bit data management, the ST7263B MCUs feature
true bit manipulation, 8x8 unsigned multiplication
and indirect addressing modes. The devices in-
clude an ST7 Core, up to 32Kbytes of program
memory, up to 1024 bytes of RAM, 27 I/O lines
and the following on-chip peripherals:
– USB low speed interface with 3 endpoints with
programmable in/out configuration using the
DMA architecture with embedded 3.3V voltage
regulator and transceivers (no external compo-
nents are needed).
– 8-bit analog-to-digital converter (ADC) with 12
multiplexed analog inputs
– Industry standard asynchronous SCI serial inter-
face
– Watchdog
– 16-bit timer featuring an external clock input, 2
Input Captures, 2 Output Compares with Pulse
Generator capabilities
– Fast I²C multimaster interface
– Low voltage reset (LVD) ensuring proper power-
on or power-off of the device
The ST72F63B devices are Flash versions. They
support programming in IAP mode (in-application
programming) via the on-chip USB interface.
Figure 1. General block diagram
8-BIT CORE
ALU
OSCIN
OSCOUT
RESET
PORT B
16-BIT TIMER
PORT A
PORT C
PB[7:0]
(8 bits)
PC[2:0]
(3 bits)
OSCILLATOR
INTERNAL
CLOCK
CONTROL
RAM
(1024 bytes)
PA[7:0]
(8 bits)
VSS
VDD
POWER
SUPPLY
SCI
PROGRAM
(32K bytes)
I²C
MEMORY
ADC1)
(UART)
USB SIE
OSC/3
LVD
WATCHDOG
VSSA
VDDA
VPP/TEST
USB DMA
USBDP
USBDM
USBVCC
OSC/4 or OSC/2
for USB2)
PORT D
PD[7:0]
(8 bits)
1) ADC channels:
2) 12 or 24 MHz OSCIN frequency required to generate 6 MHz USB clock.
None on 24-pin devices
8 on 34 and 32-pin devices (Port B)
12 on 48-pin devices (Port B and Port D[3:0])
3) The drive from USBVCC is sufficient to only drive an external pull-up in additoin to the internal transceiver


Número de pieza similar - ST7263BE1M1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7263BEx STMICROELECTRONICS-ST7263BEx Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
More results

Descripción similar - ST7263BE1M1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
   LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
June 2003 Rev. 2.1
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com