Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7263BK1M1 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza ST7263BK1M1
Descripción Electrónicos  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BK1M1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7263BK1M1 Datasheet HTML 6Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 7Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 8Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 9Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 10Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 11Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 12Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 13Page - STMicroelectronics ST7263BK1M1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
10/145
Figure 6. 24-pin SO package pinout
RESET (see Note 1): bidirectional. This active low
signal forces the initialization of the MCU. This
event is the top priority non maskable interrupt.
This pin is switched low when the Watchdog is trig-
gered or the VDD is low. It can be used to reset ex-
ternal peripherals.
OSCIN/OSCOUT:
input/output
oscillator
pin.
These pins connect a parallel-resonant crystal, or
an external source, to the on-chip oscillator.
VDD/VSS (see Note 2): main power supply and
Ground voltages.
VDDA/VSSA (see Note 2): power supply and
ground voltages for analog peripherals.
Alternate Functions: Several pins of the I/O ports
assume software programmable alternate func-
tions as shown in the pin description.
Note 1: Adding two 100 nF decoupling capacitors
on the Reset pin (respectively connected to V
DD
and V
SS) will significantly improve product electro-
magnetic susceptibility performance.
Note 2: To enhance the reliability of operation, it is
recommended that VDDA and VDD be connected to-
gether on the application board. This also applies
to VSSA and VSS.
Note 3: The USBOE alternate function is mapped
on port C2 in 32/34/48 pin devices. In SO24 devic-
es it is mapped on Port B1.
Note 4: The timer OCMP1 alternate function is
mapped on Port A6 in 32/34/48 pin devices. In
SO24 devices it is not available.
Legend / Abbreviations for Table 2 and Table 3:
Type:
I = input, O = output, S = supply
In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger
Output level:
10mA = 10mA high sink (Fn N-buffer only)
25mA = 25mA very high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, PP = push-pull, T = True open drain
The RESET configuration of each pin is shown in
bold. This configuration is kept as long as the de-
vice is under reset state.
14
13
11
12
15
16
17
18
PA2(25mA)/SCL/ICCCLK
PA1(25mA)/SDA/ICCDATA
PA0/MCO
VSSA
PA7/OCMP2/IT4
PA5/ICAP2/IT2
PA4/ICAP1/IT1
1
2
3
4
5
6
7
8
9
10
VDD
RDI/PC0
TDO/PC1
VSS
PA3/EXTCLK
IT7/PB6(10mA)
19
20
VPP/TEST
PB3(10mA)
PB2(10mA)
USBDP
RESET/
OSCOUT
USBOE/PB1(10mA)
PB0(10mA)
OSCIN
21
22
23
24
USBDM
USBVcc


Número de pieza similar - ST7263BK1M1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7263BK1M1 STMICROELECTRONICS-ST7263BK1M1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263BK1M1 STMICROELECTRONICS-ST7263BK1M1 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
ST7263BK1M1/xxx STMICROELECTRONICS-ST7263BK1M1/xxx Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
More results

Descripción similar - ST7263BK1M1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
   LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
June 2003 Rev. 2.1
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com