Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7263BK2B1 Datasheet(PDF) 10 Page - STMicroelectronics |
|
ST7263BK2B1 Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 145 page ST7263BDx ST7263BHx ST7263BKx ST7263BE 10/145 Figure 6. 24-pin SO package pinout RESET (see Note 1): bidirectional. This active low signal forces the initialization of the MCU. This event is the top priority non maskable interrupt. This pin is switched low when the Watchdog is trig- gered or the VDD is low. It can be used to reset ex- ternal peripherals. OSCIN/OSCOUT: input/output oscillator pin. These pins connect a parallel-resonant crystal, or an external source, to the on-chip oscillator. VDD/VSS (see Note 2): main power supply and Ground voltages. VDDA/VSSA (see Note 2): power supply and ground voltages for analog peripherals. Alternate Functions: Several pins of the I/O ports assume software programmable alternate func- tions as shown in the pin description. Note 1: Adding two 100 nF decoupling capacitors on the Reset pin (respectively connected to V DD and V SS) will significantly improve product electro- magnetic susceptibility performance. Note 2: To enhance the reliability of operation, it is recommended that VDDA and VDD be connected to- gether on the application board. This also applies to VSSA and VSS. Note 3: The USBOE alternate function is mapped on port C2 in 32/34/48 pin devices. In SO24 devic- es it is mapped on Port B1. Note 4: The timer OCMP1 alternate function is mapped on Port A6 in 32/34/48 pin devices. In SO24 devices it is not available. Legend / Abbreviations for Table 2 and Table 3: Type: I = input, O = output, S = supply In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger Output level: 10mA = 10mA high sink (Fn N-buffer only) 25mA = 25mA very high sink (on N-buffer only) Port and control configuration: – Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog – Output: OD = open drain, PP = push-pull, T = True open drain The RESET configuration of each pin is shown in bold. This configuration is kept as long as the de- vice is under reset state. 14 13 11 12 15 16 17 18 PA2(25mA)/SCL/ICCCLK PA1(25mA)/SDA/ICCDATA PA0/MCO VSSA PA7/OCMP2/IT4 PA5/ICAP2/IT2 PA4/ICAP1/IT1 1 2 3 4 5 6 7 8 9 10 VDD RDI/PC0 TDO/PC1 VSS PA3/EXTCLK IT7/PB6(10mA) 19 20 VPP/TEST PB3(10mA) PB2(10mA) USBDP RESET/ OSCOUT USBOE/PB1(10mA) PB0(10mA) OSCIN 21 22 23 24 USBDM USBVcc |
Número de pieza similar - ST7263BK2B1 |
|
Descripción similar - ST7263BK2B1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |