Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7263BK6M1 Datasheet(PDF) 11 Page - STMicroelectronics |
|
ST7263BK6M1 Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 145 page ST7263BDx ST7263BHx ST7263BKx ST7263BE 11/145 Table 2. Device pin description (QFN40, LQFP48, SO34 and SDIP32) Pin n° Pin name Level Port / Control Main function (after reset) Alternate function Input Output 117 6 VDD S Power supply voltage (4V - 5.5V) 2 2 8 7 OSCOUT O Oscillator output 3 3 9 8 OSCIN I Oscillator input 44 10 9 VSS S Digital ground 5 5 11 10 PC2/USBOE I/O CT X X Port C2 USB Output Enable 6 6 12 13 PC1/TDO I/O CT X X Port C1 SCI Transmit Data Out- put 7 7 13 14 PC0/RDI I/O CT X X Port C0 SCI Receive Data Input 8 8 14 15 RESET I/O X XReset - 9 15 16 NC -- Not connected - - 16 17 NC -- Not connected - - - 18 NC -- Not connected - - - 19 NC -- Not connected - - - 20 NC -- Not connected - - - 21 NC -- Not connected - - - 22 NC -- Not connected 9 10 17 23 PB7/AIN7/IT8 I/O CT 10mA X XX X Port B7 ADC analog input 7 10 11 18 24 PB6/AIN6/IT7 I/O CT 10mA X XX X Port B6 ADC analog input 6 11 12 19 25 VPP/TEST S Programming supply 12 13 20 26 PB5/AIN5/IT6 I/O CT 10mA X XX X Port B5 ADC analog input 5 13 14 21 27 PB4/AIN4/IT5 I/O CT 10mA X XX X Port B4 ADC analog input 4 14 15 22 28 PB3/AIN3 I/O CT 10mA X XX Port B3 ADC analog input 3 15 16 23 29 PB2/AIN2 I/O CT 10mA X XX Port B2 ADC analog input 2 16 17 24 30 PB1/AIN1 I/O CT 10mA X XX Port B1 ADC analog input 1 17 18 25 31 PB0/AIN0 I/O CT 10mA X XX Port B0 ADC analog Input 0 18 19 26 32 PA7/OCMP2/IT4 I/O CT X XX Port A7 Timer Output Compare 2 19 20 27 33 PA6/OCMP1/IT3 I/O CT X XX Port A6 Timer Output Compare 1 20 21 28 34 PA5/ICAP2/IT2 I/O CT X XX Port A5 Timer Input Capture 2 21 22 29 35 PA4/ICAP1/IT1 I/O CT X XX Port A4 Timer Input Capture 1 22 23 30 36 PA3/EXTCLK I/O CT X X Port A3 Timer External Clock 23 24 31 38 PA2/SCL/ICCCLK I/O CT 25mA X T Port A2 I²C serial clock, ICC Clock - - 32 39 PD01)/AIN8 I/O CT X XX Port D0 ADC analog Input 8 |
Número de pieza similar - ST7263BK6M1 |
|
Descripción similar - ST7263BK6M1 |