Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7263BD6U1 Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST7263BD6U1 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 145 page ST7263BDx ST7263BHx ST7263BKx ST7263BE 8/145 Figure 3. 40-lead QFN package pinout 4 3 5 6 7 8 9 10 11 12 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 37 38 39 40 2 1 35 36 13 14 VDDA VDD OSCOUT OSCIN VSS VSSA USBDP USBDM USBVCC PA7/OCMP2/IT4 PB0(10mA)/AIN0 PB1(10mA)/AIN1 PB2(10mA)/AIN2 PB3(10mA)/AIN3 PB4(10mA)/AIN4/IT5 PA3/EXTCLK PA4/ICAP1/IT1 PA5/ICAP2/IT2 PA6/OCMP1/IT3 PA0/MCO Note: 1. Port D functions are not available on the 8K version of the QFN40 package (ST7263BK2) and should not be connected. |
Número de pieza similar - ST7263BD6U1 |
|
Descripción similar - ST7263BD6U1 |