Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML12002CP Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

No. de pieza ML12002CP
Descripción Electrónicos  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12002CP Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

  ML12002CP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12002CP Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12002
www.lansdale.com
Page 8 of 9
Issue A
P DIP 14 = CP
PLASTIC PACKAGE
(ML12002CP)
CASE 646–06
ISSUE M
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
–––
10
–––
10
N
0.015
0.039
0.38
1.01
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
–T–
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87
OUTLINE DIMENSIONS


Número de pieza similar - ML12002CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12002CP LANSDALE-ML12002CP Datasheet
280Kb / 9P
   Analog Mixer
More results

Descripción similar - ML12002CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002_08 Datasheet
280Kb / 9P
   Analog Mixer
logo
Motorola, Inc
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-3000-4000-12 AAC-JXWBHP-T-3000-4000-12 Datasheet
70Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com