Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC12210D Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

No. de pieza MC12210D
Descripción Electrónicos  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12210D Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button MC12210D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.lansdale.com
Page 10 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
OSCout
2
φR
Figure 10. Typical Applications Example
47 k
47 k
EXTERNAL
CHARGE PUMP
(SEE FIGURE 8)
LOW PASS
FILTER
(SEE FIGURE 11)
VCO
9
10
11
12
13
14
15
16
φP
FOUT
BISW
FC
LE
DATA
CLK
1
fin
LD
GND
Do
VCC
VP
OSCin
3
4
5
6
7
8
1000 pF
LOCK
DETECT
LOCK DETECT
CIRCUIT
(SEE FIGURE 9)
VCC
0.1
µF
VP
0.1
µF
C2
C1
CHARGE PUMP SELECTION
(INTERNAL OR EXTERNAL)
C1, C2: Dependent on Crystal Oscillator
ML12210
100 pF
100 pF
Figure 11. Typical Loop Filter
Do OR EXTERNAL
CHARGE PUMP
VCO
FROM
CONTROLLER
BISW
C
R
Legacy Applications Information


Número de pieza similar - MC12210D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC12210D MOTOROLA-MC12210D Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
MC12210D LANSDALE-MC12210D Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210DT MOTOROLA-MC12210DT Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results

Descripción similar - MC12210D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com