Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML13150-A9P Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

No. de pieza ML13150-A9P
Descripción Electrónicos  Narrowband FM Coilless Detector IF Subsystem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150-A9P Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML13150-A9P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13150-A9P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ML13150
LANSDALE Semiconductor, Inc.
Fadj CURRENT (µA)
Figure 8. IF Amplifier Gain
versus IF Frequency
f, FREQUENCY (MHz)
Figure 9. Fadj Current
versus IF Frequency
Figure 10. Fadj Voltage
versus Fadj Current
Figure 11. BWadj Current
versus IF Frequency
50
45
35
30
25
20
0.01
0.1
1.0
10
f, IF FREQUENCY (kHz)
120
0
100
80
60
40
20
0
200
400
600
800
1000
VCC = 3.0 Vdc
Slope at 455 kHz = 9.26 kHz/
µA
800
750
700
650
600
0
20
40
60
80
100
f, IF FREQUENCY (kHz)
VCC = 3.0 Vdc
TA = 25°C
3.5
3.0
2.5
2.0
1.5
1.0
0
400
420
440
460
480
500
0.5
40
Vin = 100 µV
Rin = 50 Ω
Rout = 1.4 kΩ
BW (3.0 dB) = 2.4 MHz
TA = 25°C
VCC = 3.0 Vdc
BW
26 kHz/
µA
IF AMPLIFIER
The first IF amplifier section is composed of three differential
stages. This section has internal dc feedback and external
input decoupling for improved symmetry and stability. The
total gain of the IF amplifier block is approximately 42 dB at
455 kHz. Figure 8 shows the gain of the IF amplifier as a
function of the IF frequency.
The fixed internal input impedance is 1.5 k
Ω; it is designed
for applications where a 455 kHz ceramic filter is used and
no external output matching is necessary since the filter
requires a 1.5 k
Ω source and load impedance.
Overall RSSI linearity is dependent on having total midband
attenuation of 10 dB (4.0 insertion loss plus 6.0 dB
impedance matching loss) for the filter. The output of the IF
amplifier is buffered and the impedance if 1.5k
Ω.
LIMITER
The limiter section is similar to the IF amplifier section
except that six stages are used. The fixed internal input
impedance is 1.5 k
Ω. The total gain of the limiting
amplifier sections is approximately 96 dB. This IF limiting
amplifier section internally drives the quadrature detector
section.
www.lansdale.com
Page 6 of 20
Issue A


Número de pieza similar - ML13150-A9P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
1,018Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

Descripción similar - ML13150-A9P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com