Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML13175 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

No. de pieza ML13175
Descripción Electrónicos  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13175 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML13175 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LANSDALE Semiconductor, Inc.
ML13175/ML13176
–30
I7, PHASE DETECTOR CURRENT (µA)
– 20
–10
10
20
30
0
Closed Loop Response:
VCC = 3.0 Vdc
fo = 8.0 x fref
Vref = 500 mVp–p
–40
ICont, OSCILLATOR CONTROL CURRENT (µA)
– 20
0
20
40
80
60
– 40
°C
25
°C
85
°C
VCC = 3.0 Vdc
Imod = 2.0 mA
f = 320 MHz (ICont = 0; TA = 25 °C)
Free–Running Oscillator
0.1
Ireg. enable, REGULATOR ENABLE CURRENT (µA)
1.0
10
100
1000
Figure 3. Supply Current
versus Supply Voltage
Figure 4. Supply Current versus
Regulator Enable Current
Figure 5. Change Oscillator Frequency
versus Oscillator Control Current
Figure 6. Change in Oscillator Frequency and
Output Power versus Ambient Temperature
Figure 7. ML13175 Reference Oscillator
Frequency versus Phase Detector Current
Figure 8. ML13176 Reference Oscillator
Frequency versus Phase Detector Current
0
VCC, SUPPLY VOLTAGE (Vdc)
Ireg. enable = 90 µA
Imod = 0
1.0
2.0
3.0
4.0
5.0
–50
TA, AMBIENT TEMPERATURE (°C)
0
50
100
5.5
5.0
4.5
4.0
3.5
3.0
VCC = 3.0 Vdc
Imod = 2.0 mA
f = 320 MHz (ICont = 0; TA = 25 °C)
Free–Running Oscillator
∆fosc
PO
–30
I7, PHASE DETECTOR CURRENT (µA)
– 20
–10
10
20
30
0
10.3
10.2
10.1
9.9
9.8
10
–10
10
5.0
0
– 5.0
–15
100
10
1.0
10
8.0
6.0
4.0
2.0
0
4.0
3.0
2.0
1.0
0
–1.0
– 2.0
– 3.0
– 4.0
41.0
40.8
40.6
40.4
40.2
40.0
39.8
39.6
VCC = 3.0 Vdc
Imod = 0
Closed Loop Response:
VCC = 3.0 Vdc
fo = 32 x fref
Vref = 500 mVp–p
Imod = 1.0 mA
ICC = 22 mA
PO = –1.1 dBm
Imod = 2.0 mA
ICC = 35.5 mA
PO = 4.7 dBm
Imod = 1.0 mA
ICC = 25 mA
PO = – 0.2 dBm
Imod = 2.0 mA
ICC = 36 mA
PO = 5.4 dBm
www.lansdale.com
Page 5 of 16
Issue c


Número de pieza similar - ML13175

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13175-5P LANSDALE-ML13175-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Descripción similar - ML13175

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com