Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145162P Datasheet(PDF) 11 Page - LANSDALE Semiconductor Inc.

No. de pieza MC145162P
Descripción Electrónicos  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145162P Datasheet(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button MC145162P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 14Page - LANSDALE Semiconductor Inc. MC145162P Datasheet HTML 15Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.lansdale.com
Page 11 of 24
Issue 0
REFERENCE FREQUENCY SELECTION
AND PROGRAMMING
Figure 16 shows the bit function of the reference frequency
programming word. The user can either select the “fixed” ref-
erence frequency for all channels accordingly or provide a spe-
cific reference frequency for a particular channel by using two
reference frequency counters (e.g., for an application in
France, the base set transmit channel common fixed reference
frequency is 6.25 kHz or 12.5 kHz). (See Table 3 and Figure 6
for reference frequencies for various countries.) However,
transmit channels 6, 8, and 14 can be set to 25 kHz, and chan-
nel 8 reference frequency can be set to 50 kHz. But this refer-
ence frequency may not be applied to the receiving side; there-
fore, the receiving side reference frequency must be generated
by another reference frequency counter. The higher the refer-
ence frequency, the better the phase noise performance and
faster the lock time, but the PLL consumes more current if
both reference frequency counters are in operation.
In general, the 12–bit reference frequency counter plus the ÷ 4
and ÷ 25 module can offer all the reference frequencies for
global CT–1 transmit and receive channel requirements. Users
can select their own reference frequency by introducing the
additional 14–bit auxiliary reference frequency counter.
Again, the 14–bit auxiliary reference frequency counter can
be shut down by the auxiliary reference enable bit in the refer-
ence counter programming word by setting the bit to 0. At this
state, the fR2 is automatically connected to point C (the ÷25
block output), and fR1 can be connected to point A or B by
setting the fR1–S1 and fR1–S2 bits in the reference counter
program word. The 14–bit auxiliary reference frequency count-
er data will be in “Don’t Care” state.
If the 14–bit auxiliary reference frequency counter is enabled
(auxiliary reference enable = 1), then fR2 is automatically con-
nected to point D (14–bit counter output), and fR1 can be
selected to connect to point A, B, or C, depending on the bit
setting of fR1–S1 and fR1–S2. Table 4 and Figure 16 describe
the functions of the auxiliary reference enable bit and the
fR1–S1 and fR1–S2 bits selection.
LANSDALE Semiconductor, Inc.
ML145162
ADin
CLK
ENB
Figure 15. Programming Format for Transmit and Receive Counters
(4–Pin Interfacing Scheme)
16–BIT Tx COUNTER
DIVDE RATIO
Din
16–BIT Rx COUNTER
DIVIDE RATIO
NOTE: ENB must be low during the serial transfer.
LAST
CLOCK
Table 3. Global CT–1 Reference Frequency Setting vs Channel Frequencies
Country
Channels Frequency
fR1
fR2
U.S.A.
46/49 MHz (10, 15, 25 Channels)
5.0 kHz
France
26/41 MHz
6.25 kHz/12.5 kHz
Spain
31/41 MHz
5.0 kHz
Australia
30/39 MHz
5.0 kHz
U.K.
1.7/47 MHz
6.25 kHz
1.0 kHz
New Zealand
1.7/34/40 MHz
6.25 kHz
1.0 kHz


Número de pieza similar - MC145162P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145162P MOTOROLA-MC145162P Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162P LANSDALE-MC145162P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162P1 MOTOROLA-MC145162P1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
More results

Descripción similar - MC145162P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com