Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML145162-5P Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

No. de pieza ML145162-5P
Descripción Electrónicos  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162-5P Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145162-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.lansdale.com
Page 1 of 24
Issue 0
ML145162
60 MHz and 85 MHz Universal
Programmable Dual PLL Frequency
Synthesizers
CMOS
Legacy Device: Motorola MC145162
The ML145162 is a dual phase–locked loop (PLL) frequency synthesizer
especially designed for CT–1 cordless phone applications worldwide. This
frequency synthesizer is also for any product with a frequency operation at
60MHz or below.
The device features fully programmable receive, transmit, reference, and
auxiliary reference counters accessed through an MCU serial interface. This
feature allows this device to operate in any CT–1 cordless phone application.
The device consists of two independent phase detectors for transmit and
receive loops. A common reference oscillator, driving two independent refer-
ence frequency counters, provides independent reference frequencies for
transmit and receive loops. The auxiliary reference counter allows the user to
select an additional reference frequency for receive and transmit loops if
required.
• Operating Voltage Range: 2.5 to 5.5 V
• Operating Temperature Range: TA = – 40 to +75°C
• Operating Power Consumption: 3.0 mA @ 2.5 V
• Maximum Operating Frequency: 60 MHz @ 200 mV p–p, VDD = 2.5 V
• Three or Four Pins Used for Serial MCU Interface
• Built–In MCU Clock Output with Frequency of Reference Oscillator ÷3/÷4
• Power Saving Mode Controlled by MCU
• Lock Detect Signal
• On–Chip Reference Oscillator Supports External Crystals to 16.0 MHz
• Reference Frequency Counter Division Range: 16 to 4095
• Auxiliary Reference Frequency Counter Division Range: 16 to 16,383
• Transmit Counter Division Range: 16 to 65,535
• Receive Counter Division Range: 16 to 65,535
P DIP 16 = EP
PLASTIC DIP
CASE 648
SOG 16 = -5P
SOG PACKAGE
CASE 751B
16
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC145162P
ML145162EP
SOG 16
MC145162D
ML145162-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
VDD
TxPS/fTx
fin–T
TxPDout
LD
fin–R
RxPDout
RxPS/FRx
ENB
Din
ADin
CLK
OSCout
OSCin
VSS
MCUCLK


Número de pieza similar - ML145162-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145162-5P LANSDALE-ML145162-5P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

Descripción similar - ML145162-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com