Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC3544CPWG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TLC3544CPWG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 42 page TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range, AVDD = 5 V, DVDD = 5 V, VREFP = 5 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted) SCLK, SDI, SDO, EOC and INT PARAMETERS MIN TYP MAX UNIT t (1) Cycle time of SCLK at 25 pF load DVDD = 2.7 V 100 ns tc(1) Cycle time of SCLK at 25-pF load DVDD = 5 V 40† ns tw(1) Pulse width, SCLK high time at 25-pF load 40% 60% tc(1) t Rise time for INT EOC at 10 pF load DVDD = 5 V 6 ns tr(1) Rise time for INT, EOC at 10-pF load DVDD = 2.7 V 10 ns t Fall time for INT EOC at 10 pF load DVDD = 5 V 6 ns tf(1) Fall time for INT, EOC at 10-pF load DVDD = 2.7 V 10 ns tsu(1) Setup time, new SDI valid (reaches 90% final level) before falling edge of SCLK, at 25-pF load 6 – ns th(1) Hold time, old SDI hold (reaches 10% of old data level) after falling edge of SCLK, at 25-pF load 0 – ns t Delay time, new SDO valid (reaches 90% of final level) after SCLK rising DVDD= 5 V 0 10 ns td(1) Delay time, new SDO valid (reaches 90% of final level) after SCLK rising edge, at 10-pF load DVDD = 2.7 V 0 23‡ ns th(2) Hold time, old SDO hold (reaches 10% of old data level) after SCLK rising edge, at 10-pF load 0 – ns td(2) Delay time, delay from sixteenth SCLK falling edge to EOC falling edge, normal sampling, at 10-pF load 0 6 ns td(3) Delay time, delay from the sixteenth falling edge of SCLK to INT falling edge, at 10-pF load [see the (‡) double dagger note and Note 6] t(conv) t(conv) + 6 µs † The minimum pulse width of SCLK high is 12.5 ns. The minimum pulse width of SCLK low is 12.5 ns. ‡ Specified by design NOTE 6: For normal short sampling, td(3) is the delay from 16th falling edge of SCLK to INT falling edge. For normal long sampling, td(3) is the delay from 48th falling edge of SCLK to the falling edge of INT. Conversion time, t(conv) is equal to 18 × OSC + 15 ns when using internal OSC as conversion clock, or 72 × tc(1) + 15 ns when external SCLK is conversion clock source. |
Número de pieza similar - TLC3544CPWG4 |
|
Descripción similar - TLC3544CPWG4 |