Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML145442-6P Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

No. de pieza ML145442-6P
Descripción Electrónicos  Single-Chip 300-Baud Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145442-6P Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145442-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145442-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.lansdale.com
Page 5 of 11
LANSDALE Semiconductor, Inc.
ML145442, ML145443
RxA2, RxA1
Receive Carrier (Pins 15, 16)
The receive carrier is the FSK input to the demodulator through
the receive band–pass filter. RxA1 is the non–inverting input and
RxA2 is the inverting input of the receive hybrid (duplexer) oper-
ational amplifier.
LB
Analog Loopback (Pin 2)
When a high level is applied to this pin (SQT must be low), the
analog loopback test is enabled. The analog loopback test con-
nects the TxA pin to the RxA2 pin and the RxA1 to analog
ground. In loopback, the demodulator frequencies are switched to
the modulation frequencies for the selected mode. (See Tables 1
and 2 and Figures 4c and 4d.)
When LB is connected to analog ground (VAG), the modulator
generates an echo cancellation tone of 2100 Hz for ML145442
CCITT V.21 and 2225 Hz for ML145443 Bell 103 systems. For
normal operation, this pin should be at a logic low level (VSS).
The power–down mode is enabled when both LB and SQT are
connected to a logic high level (see Table 2).
MODE
Mode (Pin 13)
This input selects the pair of transmit and frequencies used dur-
ing modulation and demodulation. When a logic high level is
placed on this input, originate (Bell) or channel 1(CCITT) is
selected. When a low level is placed on this input, answer (Bell) or
channel 2 (CCITT) is selected. (See Tables 1 and 2 and Figure 4.)
CDT
Carrier Detect Timing (Pin 4)
A capacitor on this pin to VSS sets the amount of time the car-
rier must be present before CD goes low (see Legacy Applications
Information for the capacitor values).
CD
Carrier Detect Output (Pin 3)
This output is used to indicate when a carrier has been sensed
by the carrier detect circuit. This output goes to a logic low level
when a valid signal above the maximum threshold level (defined
by CDA, pin 7) is maintained on the input to the hybrid circuit
longer then the response (defined by CDT, pin 4). This pin is held
at the logic low level until the signal falls below the maximum
threshold level for longer than the turn off time. (See Legacy
Applications Information and Figure 5.)
CDA
Carrier Detect Adjust (Pin 7)
An external voltage may be applied to this pin to adjust the car-
rier detect threshold. The threshold hysteresis is internally fixed at
3 dB (see Legacy Applications Information).
Xout, Xin
Crystal Oscillator (Pins 8, 9)
A crystal reference oscillator is formed when a 3.579 MHz
crystal is connected between these two pins. Xout (pin 8) is the
output of the oscillator circuit, and Xin (pin 9) is the input to the
oscillator circuit. When using an external clock, apply the clock to
the Xin (pin 9) pin and leave Xout (pin 8) open. An internal 10
M
Ω resistor and internal capacitors, typically 10 pF on Xin and
16 pF on Xout, allow the crystal to be connected without any
other external components. Printed circuit board layout should
keep external stray capacitance to a minimum.
FB
Filter Bias (Pin 10)
This is the negative input to the AC amplifier. In normal opera-
tion, this pin is connected to analog ground through a 0.1µF
bypass capacitor in order to cancel the input offset voltage of the
limiter. It has a nominal input impedance of 16 k
Ω (see Figure 3).
SQT
Transmit Squelch (Pin 14)
When this input pin is at a logic high level, the modulator is
disabled. The line driver remains active if LB is at a logic low
level (see Table 2).
When both LB and SQT are connected to a logic high level (see
Table 2), the entire chip is in a power down state and all circuitry
except the crystal oscillator is disabled. Total power supply cur-
rent decreases from 10 mA (max) to 300 µA (max).
0.1 µF
FB
16 kΩ
10
490 kΩ
+
FROM
BAND–PASS
FILTER
TO
CARRIER DETECT CIRCUIT
AND DEMODULATOR
Figure 3. AC Amplifier Circuit
Table 2. Functional Table
MODE
Pin 13
SQT
Pin 14
LB
Pin 2
Operating Mode
1
0
0
Originate Mode
0
0
0
Answer Mode
X0
VAG (VDD/2)
Echo Tone
X
0
1
Analog Loopback
X
1
0
Squelch Mode
X1
VAG (VDD/2)
Squelch Mode
X
1
1
Power Down
Issue b


Número de pieza similar - ML145442-6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145442-6P LANSDALE-ML145442-6P Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Descripción similar - ML145442-6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com