Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUCH16244 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUCH16244
Descripción Electrónicos  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUCH16244 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUCH16244 Datasheet HTML 1Page - Texas Instruments SN74AUCH16244 Datasheet HTML 2Page - Texas Instruments SN74AUCH16244 Datasheet HTML 3Page - Texas Instruments SN74AUCH16244 Datasheet HTML 4Page - Texas Instruments SN74AUCH16244 Datasheet HTML 5Page - Texas Instruments SN74AUCH16244 Datasheet HTML 6Page - Texas Instruments SN74AUCH16244 Datasheet HTML 7Page - Texas Instruments SN74AUCH16244 Datasheet HTML 8Page - Texas Instruments SN74AUCH16244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74AUCH16244
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES391E – MARCH 2002 – REVISED DECEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
0.8 V to 2.7 V
VCC–0.1
IOH = –0.7 mA
0.8 V
0.55
VOH
IOH = –3 mA
1.1 V
0.8
V
VOH
IOH = –5 mA
1.4 V
1
V
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
VOL
IOL = 3 mA
1.1 V
0.3
V
VOL
IOL = 5 mA
1.4 V
0.4
V
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A or OE inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
VI = 0.35 V
1.1 V
10
IBHL‡
VI = 0.47 V
1.4 V
15
µA
IBHL‡
VI = 0.57 V
1.65 V
20
µA
VI = 0.7 V
2.3 V
40
§
VI = 0.8 V
1.1 V
–10
IBHH§
VI = 0.9 V
1.4 V
–15
µA
IBHH§
VI = 1.07 V
1.65 V
–20
µA
VI = 1.7 V
2.3 V
–40
1.3 V
75
IBHLO¶
VI =0toVCC
1.6 V
125
µA
IBHLO¶
VI = 0 to VCC
1.95 V
175
µA
2.7 V
275
#
1.3 V
–75
IBHHO#
VI =0toVCC
1.6 V
–125
µA
IBHHO#
VI = 0 to VCC
1.95 V
–175
µA
2.7 V
–275
Ioff
VI or VO = 2.7 V
0
±10
µA
IOZ
VO = VCC or GND
2.7 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
20
µA
Ci
VI = VCC or GND
2.5 V
3
4.5
pF
Co
VO = VCC or GND
2.5 V
4
7
pF
† All typical values are at TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.


Número de pieza similar - SN74AUCH16244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUCH16244 TI-SN74AUCH16244 Datasheet
329Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH16244DGGR TI-SN74AUCH16244DGGR Datasheet
329Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH16244DGVR TI-SN74AUCH16244DGVR Datasheet
329Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH16244GQLR TI-SN74AUCH16244GQLR Datasheet
329Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH16244ZQLR TI-SN74AUCH16244ZQLR Datasheet
329Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AUCH16244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com