Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS86N3 Datasheet(PDF) 2 Page - Texas Instruments |
|
SN74ALS86N3 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54ALS86, SN54AS86A, SN74ALS86, SN74AS86A QUADRUPLE 2INPUT EXCLUSIVEOR GATES SDAS006B − APRIL 1982 − REVISED DECEMBER 1994 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 exclusive-OR logic An exclusive-OR gate has many applications, some of which can be represented better by alternative logic symbols. EXCLUSIVE-OR = 1 These are five equivalent exclusive-OR symbols valid for an ′ALS86 or ′AS86A gate in positive logic. Negation may be shown at any two ports. = 2k 2k + 1 LOGIC-IDENTITY ELEMENT EVEN-PARITY ELEMENT ODD-PARITY ELEMENT The output is active (low) if all inputs are at the same logic level (i.e., A = B). The output is active (low) if an even number of inputs (i.e., 0 or 2) are active. The output is active (high) if an odd number of inputs (i.e., only 1 of the 2) are active. |
Número de pieza similar - SN74ALS86N3 |
|
Descripción similar - SN74ALS86N3 |