Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP470R1B768PGE Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TMP470R1B768PGE
Descripción Electrónicos  16/32-Bit RISC Flash Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP470R1B768PGE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP470R1B768PGE Datasheet HTML 3Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 4Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 5Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 6Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 7Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 8Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 9Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 10Page - Texas Instruments TMP470R1B768PGE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
www.ti.com
TMS470R1B768
16/32-Bit RISC Flash Microcontroller
SPNS108A – AUGUST 2005 – REVISED AUGUST 2006
Table 2. Terminal Functions
TERMINAL
INTERNAL
TYPE(1)(2)
PULLUP/
DESCRIPTION
NAME
NO.
PULLDOWN(3)
HIGH-END TIMER (HET)
HET[0]
129
HET[1]
130
HET[2]
137
HET[3]
138
HET[4]
139
HET[5]
140
HET[6]
141
HET[7]
142
HET[8]
79
HET[9]
80
HET[10]
29
HET[11]
28
The B768 device has both the logic and registers for a full 32-I/O HET
HET[12]
27
implemented and all 32 pins are available externally.
HET[13]
26
Timer input capture or output compare. The HET[31:0] applicable pins can be
programmed as general-purpose input/output (GIO) pins. HET[23:0] are
HET[14]
25
high-resolution pins and HET[31:24] are standard-resolution pins.
HET[15]
24
The high-resolution (HR) SHARE feature allows even HR pins to share the
3.3-V I/O
IPD (20 µA)
HET[16]
23
next higher odd-numbered HR pin structures. This HR sharing is independent
of whether or not the odd pin is available externally. If an odd pin is available
HET[17]
22
externally and shared, then the odd pin can only be used as a
HET[18]
71
general-purpose I/O. For more information on HR SHARE, see the
TMS470R1x High-End Timer (HET) Reference Guide (literature number
HET[19]
70
SPNU199).
HET[20]
69
HET[21]
68
HET[22]
67
HET[23]
123
HET[24]
51
HET[25]
124
HET[26]
125
HET[27]
126
HET[28]
47
HET[29]
48
HET[30]
49
HET[31]
50
HIGH-END CAN CONTROLLER 1 (HECC1)
CAN1HTX
88
3.3-V I/O
IPU (20 µA)
HECC1 transmit pin or GIO pin
CAN1HRX
87
3.3-V I/O
HECC1 receive pin or GIO pin
HIGH-END CAN CONTROLLER 2 (HECC2)
CAN2HTX
56
3.3-V I/O
IPU (20 µA)
HECC2 transmit pin or GIO pin
CAN2HRX
57
3.3-V I/O
HECC2 receive pin or GIO pin
HIGH-END CAN CONTROLLER 3 (HECC3)
CAN3HTX
78
3.3 V I/O
IPU (20 µA)
HECC3 transmit pin or GIO pin
CAN3HRX
77
3.3 V I/O
HECC3 receive pin or GIO pin
(1)
I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
(2)
All I/O pins, except RST , are configured as inputs while PORRST is low and immediately after PORRST goes high.
(3)
IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST
state.)
7
Submit Documentation Feedback


Número de pieza similar - TMP470R1B768PGE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP470R1B768PGE TI-TMP470R1B768PGE Datasheet
445Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Descripción similar - TMP470R1B768PGE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com