Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB1ZLU411560200 Datasheet(PDF) 6 Page - Bookham, Inc.

No. de pieza CB1ZLU411560200
Descripción Electrónicos  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOOKHAM [Bookham, Inc.]
Página de inicio  
Logo BOOKHAM - Bookham, Inc.

CB1ZLU411560200 Datasheet(HTML) 6 Page - Bookham, Inc.

  CB1ZLU411560200 Datasheet HTML 1Page - Bookham, Inc. CB1ZLU411560200 Datasheet HTML 2Page - Bookham, Inc. CB1ZLU411560200 Datasheet HTML 3Page - Bookham, Inc. CB1ZLU411560200 Datasheet HTML 4Page - Bookham, Inc. CB1ZLU411560200 Datasheet HTML 5Page - Bookham, Inc. CB1ZLU411560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet
6
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
BH12930 Rev 1.0 March 2007
©Bookham 2005. Bookham is a registered trademark of Bookham Inc.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
North America
Santa Rosa Office
3640 Westwind Boulevard
Santa Rosa
CA 95403
USA
• Tel: +1 707 636 1100
• Fax: +1 707 636 1199
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807


Número de pieza similar - CB1ZLU411560200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB1ZLU411560200 BOOKHAM-CB1ZLU411560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Descripción similar - CB1ZLU411560200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com