Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC225-40 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TC225-40
Descripción Electrónicos  SMALL-FORMAT CCD IMAGE SENSORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TC225-40 Datasheet(HTML) 5 Page - Texas Instruments

  TC225-40 Datasheet HTML 1Page - Texas Instruments TC225-40 Datasheet HTML 2Page - Texas Instruments TC225-40 Datasheet HTML 3Page - Texas Instruments TC225-40 Datasheet HTML 4Page - Texas Instruments TC225-40 Datasheet HTML 5Page - Texas Instruments TC225-40 Datasheet HTML 6Page - Texas Instruments TC225-40 Datasheet HTML 7Page - Texas Instruments TC225-40 Datasheet HTML 8Page - Texas Instruments TC225-40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tw1
tw4 ≥ 600 ns
tw3 ≥ 600 ns
50 ns
≤ t2 ≤ 250 ns
tw1 ≥ 125 ns
SRG
IAG
ABG
217 Cycles
SRG
IAG
Readout
Integration
190 Cycles
tw3
tw2
tw4
Figure 1. TC221 Timing Diagram


Número de pieza similar - TC225-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN FUMAN ELECTRON...
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
   Low power switching power supply controller
logo
TiMOTION Technology Co....
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
   Max. output 32V DC, 12A
20220420-E
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
TC220-100L-RC ALLIED-TC220-100L-RC Datasheet
1Mb / 1P
   Toroid Chokes
TC220-101L-RC ALLIED-TC220-101L-RC Datasheet
1Mb / 1P
   Toroid Chokes
More results

Descripción similar - TC225-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
   CCD image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
   CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
S11510 HAMAMATSU-S11510_15 Datasheet
665Kb / 7P
   IR-enhanced CCD image sensors
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
   CMOS Driver for VGA-Format Image Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com