Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB1RFA121560200 Datasheet(PDF) 2 Page - Bookham, Inc. |
|
CB1RFA121560200 Datasheet(HTML) 2 Page - Bookham, Inc. |
2 / 6 page Data Sheet 2 Band Filters for 100GHz Typical design specifications (valid over operating temperature) Notes: [1] Loss values do not include connectors [2] Measured over operating temperature and ASOP [3] Nominal Overall Length. Standard Package without boots nominally 35mm. Transmitted Channel Standard 2s0 Standard 4s0 Standard 4s1 Standard 8s0 Standard 10s0 Spec #0490 Spec #0491 Spec #0492 Spec #0508 Spec #0493 Unit Clear Channel Passband 127.5 327.5 327.50 727.50 927.50 Min GHz Isolation Bandwidth 272.5 472.5 672.50 872.50 1072.50 Max GHz Insertion Loss [1][2] 0.8 0.9 0.9 0.9 0.8 Max dB IL Variation [1] 0.3 0.3 0.4 0.4 0.4 Max dB Adjacent Channel Isolation [1] 25 25 25 15 15.5 Min dB Return Loss [2] 45 45 45 45 45 Min dB Directivity [2] 45 45 45 45 45 Min dB PDL [2] 0.2 0.2 0.2 0.2 0.2 Max dB Reflected Channel Insertion Loss [1][2] 0.4 0.4 0.4 0.45 0.45 Max dB Isolation [1] 14 12 13 12 12.5 Min dB PDL [2] 0.2 0.2 0.2 0.2 0.2 Max dB Component Parameters Operating Temperature -5 to 70 °C Storage Temperature -40 to 85 °C Dimensions [3] 5.5 (Ø) x 51 (L) mm (Standard Package) |
Número de pieza similar - CB1RFA121560200 |
|
Descripción similar - CB1RFA121560200 |