2 / 4 page
TC1202
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
20
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
5 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
300
µA
Pin
RF Input Power, CW
17 dBm
PT
Continuous Dissipation
300 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
TYPICAL NOISE PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 25 mA
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.31
20.6
0.90
10
0.64
4
0.37
17.2
0.81
20
0.45
6
0.41
14.8
0.74
37
0.35
8
0.47
13.1
0.69
57
0.29
10
0.52
12.1
0.64
77
0.24
12
0.58
11.4
0.58
95
0.20
14
0.71
10.8
0.55
113
0.16
16
0.88
10.4
0.52
130
0.11
18
1.04
9.9
0.51
151
0.08
CHIP DIMENSIONS
Units: Micrometers
Gate Pad: 55 x 60
Chip Thickness: 100
Drain Pad: 55 x 60
Source Pad: 55 x 169
S
S
G
D
280 ± 12
290 ± 12