Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5256B Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza 1N5256B
Descripción Electrónicos  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5256B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1N5256B Datasheet HTML 1Page - Pan Jit International Inc. 1N5256B Datasheet HTML 2Page - Pan Jit International Inc. 1N5256B Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-NOV.08.2006
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
c
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
B
1
2
2
5
N
1
4
.
2
8
2
.
2
2
5
.
2
0
3
0
2
0
0
2
1
5
2
.
0
0
0
1
1
B
1
2
2
5
N
1
B
2
2
2
5
N
1
5
.
2
8
3
.
2
3
6
.
2
0
3
0
2
0
5
2
1
5
2
.
0
0
0
1
1
B
2
2
2
5
N
1
B
3
2
2
5
N
1
7
.
2
7
5
.
2
4
8
.
2
0
3
0
2
0
0
3
1
5
2
.
0
5
7
1
B
3
2
2
5
N
1
B
4
2
2
5
N
1
8
.
2
6
6
.
2
4
9
.
2
0
3
0
2
0
0
4
1
5
2
.
0
5
7
1
B
4
2
2
5
N
1
B
5
2
2
5
N
1
3
5
8
.
2
5
1
.
3
9
2
0
2
0
0
6
1
5
2
.
0
0
5
1
B
5
2
2
5
N
1
B
6
2
2
5
N
1
3
.
3
4
1
.
3
7
4
.
3
8
2
0
2
0
0
6
1
5
2
.
0
5
2
1
B
6
2
2
5
N
1
B
7
2
2
5
N
1
6
.
3
2
4
.
3
8
7
.
3
4
2
0
2
0
0
7
1
5
2
.
0
5
1
1
B
7
2
2
5
N
1
B
8
2
2
5
N
1
9
.
3
1
7
.
3
1
.
4
3
2
0
2
0
0
9
1
5
2
.
0
0
1
1
B
8
2
2
5
N
1
B
9
2
2
5
N
1
3
.
4
9
0
.
4
2
5
.
4
2
2
0
2
0
0
0
2
5
2
.
0
5
1
B
9
2
2
5
N
1
B
0
3
2
5
N
1
7
.
4
7
4
.
4
4
9
.
4
9
1
0
2
0
0
9
1
5
2
.
0
5
2
B
0
3
2
5
N
1
B
1
3
2
5
N
1
1
.
5
5
8
.
4
6
3
.
5
7
1
0
2
0
0
6
1
5
2
.
0
5
2
B
1
3
2
5
N
1
B
2
3
2
5
N
1
6
.
5
2
3
.
5
8
8
.
5
1
1
0
2
0
0
6
1
5
2
.
0
5
3
B
2
3
2
5
N
1
B
3
3
2
5
N
1
0
.
6
7
.
5
3
.
6
7
0
2
0
0
6
1
5
2
.
0
5
5
.
3
B
3
3
2
5
N
1
B
4
3
2
5
N
1
2
.
6
9
8
.
5
1
5
.
6
7
0
2
0
0
0
1
5
2
.
0
5
4
B
4
3
2
5
N
1
B
5
3
2
5
N
1
8
.
6
6
4
.
6
4
1
.
7
5
0
2
0
5
7
5
2
.
0
3
5
B
5
3
2
5
N
1
B
6
3
2
5
N
1
5
.
7
3
1
.
7
8
8
.
7
6
0
2
0
0
5
5
2
.
0
3
6
B
6
3
2
5
N
1
B
7
3
2
5
N
1
2
.
8
9
7
.
7
1
6
.
8
8
0
2
0
0
5
5
2
.
0
3
5
.
6
B
7
3
2
5
N
1
B
8
3
2
5
N
1
7
.
8
7
2
.
8
4
1
.
9
8
0
2
0
0
6
5
2
.
0
3
5
.
6
B
8
3
2
5
N
1
B
9
3
2
5
N
1
1
.
9
5
6
.
8
6
5
.
9
0
1
0
2
0
0
6
5
2
.
0
3
7
B
9
3
2
5
N
1
B
0
4
2
5
N
1
0
1
5
.
9
5
.
0
1
7
1
0
2
0
0
6
5
2
.
0
3
8
B
0
4
2
5
N
1
B
1
4
2
5
N
1
1
1
5
4
.
0
1
5
5
.
1
1
2
2
0
2
0
0
6
5
2
.
0
2
4
.
8
B
1
4
2
5
N
1
B
2
4
2
5
N
1
2
1
4
.
1
1
6
.
2
1
0
3
0
2
0
0
6
5
2
.
0
1
1
.
9
B
2
4
2
5
N
1
B
3
4
2
5
N
1
3
1
5
3
.
2
1
5
6
.
3
1
3
1
5
.
9
0
0
6
5
2
.
0
5
.
0
9
.
9
B
3
4
2
5
N
1
B
4
4
2
5
N
1
4
1
3
.
3
1
7
.
4
1
5
1
9
0
0
6
5
2
.
0
1
.
0
0
1
B
4
4
2
5
N
1
B
5
4
2
5
N
1
5
1
5
2
.
4
1
5
7
.
5
1
6
1
5
.
8
0
0
6
5
2
.
0
1
.
0
1
1
B
5
4
2
5
N
1
B
6
4
2
5
N
1
6
1
2
.
5
1
8
.
6
1
7
1
8
.
7
0
0
6
5
2
.
0
1
.
0
2
1
B
6
4
2
5
N
1
B
7
4
2
5
N
1
7
1
5
1
.
6
1
5
8
.
7
1
9
1
4
.
7
0
0
6
5
2
.
0
1
.
0
3
1
B
7
4
2
5
N
1
B
8
4
2
5
N
1
8
1
1
.
7
1
9
.
8
1
1
2
7
0
0
6
5
2
.
0
1
.
0
4
1
B
8
4
2
5
N
1
B
9
4
2
5
N
1
9
1
5
0
.
8
1
5
9
.
9
1
3
2
6
.
6
0
0
6
5
2
.
0
1
.
0
4
1
B
9
4
2
5
N
1
B
0
5
2
5
N
1
0
2
9
1
1
2
5
2
2
.
6
0
0
6
5
2
.
0
1
.
0
5
1
B
0
5
2
5
N
1
B
1
5
2
5
N
1
2
2
9
.
0
2
1
.
3
2
9
2
6
.
5
0
0
6
5
2
.
0
1
.
0
7
1
B
1
5
2
5
N
1
B
2
5
2
5
N
1
4
2
8
.
2
2
2
.
5
2
3
3
2
.
5
0
0
6
5
2
.
0
1
.
0
8
1
B
2
5
2
5
N
1
B
3
5
2
5
N
1
5
2
5
7
.
3
2
5
2
.
6
2
5
3
5
0
0
6
5
2
.
0
1
.
0
9
1
B
3
5
2
5
N
1
B
4
5
2
5
N
1
7
2
5
6
.
5
2
5
3
.
8
2
1
4
6
.
4
0
0
6
5
2
.
0
1
.
0
1
2
B
4
5
2
5
N
1
B
5
5
2
5
N
1
8
2
6
.
6
2
4
.
9
2
4
4
5
.
4
0
0
6
5
2
.
0
1
.
0
1
2
B
5
5
2
5
N
1
B
6
5
2
5
N
1
0
3
5
.
8
2
5
.
1
3
9
4
2
.
4
0
0
6
5
2
.
0
1
.
0
3
2
B
6
5
2
5
N
1
B
7
5
2
5
N
1
3
3
5
3
.
1
3
5
6
.
4
3
8
5
8
.
3
0
0
7
5
2
.
0
1
.
0
5
2
B
7
5
2
5
N
1
B
8
5
2
5
N
1
6
3
2
.
4
3
8
.
7
3
0
7
4
.
3
0
0
7
5
2
.
0
1
.
0
7
2
B
8
5
2
5
N
1
B
9
5
2
5
N
1
9
3
5
0
.
7
3
5
9
.
0
4
0
8
2
.
3
0
0
8
5
2
.
0
1
.
0
0
3
B
9
5
2
5
N
1
B
0
6
2
5
N
1
3
4
5
8
.
0
4
5
1
.
5
4
3
9
3
0
0
9
5
2
.
0
1
.
0
3
3
B
0
6
2
5
N
1
B
1
6
2
5
N
1
7
4
5
6
.
4
4
5
3
.
9
4
0
5
1
7
.
2
0
0
0
1
5
2
.
0
1
.
0
6
3
B
1
6
2
5
N
1
B
2
6
2
5
N
1
1
5
5
4
.
8
4
5
5
.
3
5
5
2
1
5
.
2
0
0
1
1
5
2
.
0
1
.
0
9
3
B
2
6
2
5
N
1
B
3
6
2
5
N
1
6
5
2
.
3
5
8
.
8
5
0
5
1
2
.
2
0
0
3
1
5
2
.
0
1
.
0
3
4
B
3
6
2
5
N
1
B
4
6
2
5
N
1
0
6
7
5
3
6
0
7
1
1
.
2
0
0
4
1
5
2
.
0
1
.
0
6
4
B
4
6
2
5
N
1
B
5
6
2
5
N
1
2
6
9
.
8
5
1
.
5
6
5
8
1
2
0
0
4
1
5
2
.
0
1
.
0
7
4
B
5
6
2
5
N
1
B
6
6
2
5
N
1
8
6
6
.
4
6
4
.
1
7
0
3
2
8
.
1
0
0
6
1
5
2
.
0
1
.
0
2
5
B
6
6
2
5
N
1
B
7
6
2
5
N
1
5
7
5
2
.
1
7
5
7
.
8
7
0
7
2
7
.
1
0
0
7
1
5
2
.
0
1
.
0
6
5
B
7
6
2
5
N
1
STANDARD VOLTAGE TOLERANCE IS + 5% AND:
SUFFIX “A” FOR + 3%
SUFFIX “B” FOR + 5%
SUFFIX “C” FOR + 10%
SUFFIX “D” FOR + 20%
* MEASURED WITH PULSES Tp=40 mSec.
ZENERDIODENUMBERINGSYSTEM:
1N5225B
B
1*
2*
1* TYPE NO.
2* TOLERANCE OF VZ
3* e.g., 1N5225B=3.0V + 5%


Número de pieza similar - 1N5256B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5256B VISHAY-1N5256B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5256B ZSELEC-1N5256B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Tiger Electronic Co.,Lt...
1N5256B TGS-1N5256B Datasheet
264Kb / 3P
   Zener diode
logo
Yea Shin Technology Co....
1N5256B YEASHIN-1N5256B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Weitron Technology
1N5256B WEITRON-1N5256B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Descripción similar - 1N5256B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com