Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS40A Datasheet(PDF) 3 Page - Pan Jit International Inc.

No. de pieza BAS40A
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS40A Datasheet HTML 1Page - Pan Jit International Inc. BAS40A Datasheet HTML 2Page - Pan Jit International Inc. BAS40A Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-AUG.04.2006
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 200
6
The information presented in this document is believed to be accurate and reliable. The specifications and information
herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
BAS40/A/C/S


Número de pieza similar - BAS40A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
BAS40A WTE-BAS40A Datasheet
60Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
BAS40A RECTRON-BAS40A Datasheet
115Kb / 3P
   SOT-23 SCHOTTKY DIODE
logo
Pan Jit International I...
BAS40A PANJIT-BAS40A Datasheet
140Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40A PANJIT-BAS40A Datasheet
476Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
March 16,2021 REV.03
BAS40A-AU PANJIT-BAS40A-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
More results

Descripción similar - BAS40A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com