Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBWSMU2315533290653 Datasheet(PDF) 2 Page - Bookham, Inc.

No. de pieza CBWSMU2315533290653
Descripción Electrónicos  Band Filters for 200GHz Add/Drop Multiplexing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOOKHAM [Bookham, Inc.]
Página de inicio  
Logo BOOKHAM - Bookham, Inc.

CBWSMU2315533290653 Datasheet(HTML) 2 Page - Bookham, Inc.

  CBWSMU2315533290653 Datasheet HTML 1Page - Bookham, Inc. CBWSMU2315533290653 Datasheet HTML 2Page - Bookham, Inc. CBWSMU2315533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
Band Filters for 200GHz
Typical design specifications (valid over operating temperature)
Transmitted Channels
4-skip-0
4-skip-1
4-skip-2
Clear Channel Passband
666
666
666
1.0
1.0
1.0
Insertion Loss Variation
0.3
0.3
0.2
Adjacent Band Isolation
25
25
25
PDL over Clear Channel
0.15
0.1
0.1
Return Loss
454545
Reflected Channel
0.45
0.45
0.45
PDL
0.15
0.1
0.1
Reflection Isolation
b
15
15
20
Directivity
45
45
45
Component Parameters
Operating Temperature
Storage Temperature
5.5 (Ø) x 51 (L)
ss includes connector pair.
t edge of clear channel passband
ominal overall length. Standard package length without boots nominally 35mm.
dB
dB
mm
to 70
-40 to 85
dB
dB
dB
unit
Dimensions
c (standard packaging)
Insertion Loss
a
dB
GHz
dB
Insertion Loss
a
°C
°C
dB
dB
a Lo
b A
c N
-5
Example Applications and Performance
Banded 4-skip-0 applications and 4-skip-0 performance at -5C, 25C, and 70C
Banded Mux/Demux
-35
-30
-25
-20
-15
-10
-5
0
1525
1527
1529
1531
1533
1535
1537
W avelength (nm )
Transm ission (25C )
R eflection (25C )
Transm ission (-5C )
R eflection (-5C )
Transm ission (70C )
R eflection (70C )
4 skip 0
4 skip 0
4 Channel
Demux
Add
4 Channel
Mux
Drop
Banded OADM
4 skip 0
4 skip 0
4 skip 0
4 skip 0


Número de pieza similar - CBWSMU2315533290653

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2000HS WALL-CBW2448S1.5-2000HS Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2000R WALL-CBW2448S1.5-2000R Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2500HS WALL-CBW2448S1.5-2500HS Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2500R WALL-CBW2448S1.5-2500R Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
More results

Descripción similar - CBWSMU2315533290653

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
Bookham, Inc.
MC1C10200292 BOOKHAM-MC1C10200292 Datasheet
135Kb / 3P
   10 Channel Optical Add/Drop Multiplexer with Band VOAs
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com