Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB1ZFU4515533290653 Datasheet(PDF) 2 Page - Bookham, Inc. |
|
CB1ZFU4515533290653 Datasheet(HTML) 2 Page - Bookham, Inc. |
2 / 3 page D 100GHz Filters Typical design specifications (valid over operating temperature) Transmitted Channels Standard OADM Wide-Top Clear Channel Passband 27.5 27.5 50 1.0 1.0 1.0 Insertion Loss Variation 0.3 0.3 0.5 Adjacent Band Isolation 25 30 25 Polarization Dependent Loss 0.15 0.1 0.2 Return Loss 45 45 45 Chromatic Dispersion b ±35 ±19 ±60 Directivity 454545 Reflected Channel 0.4 0.4 0.4 Insertion Loss Variation 0.1 0.1 0.1 Polarization Dependent Loss 0.15 0.1 0.2 Reflection Isolation b 12 16 11 Chromatic Dispersion b ±30 ±16 ±30 Component Parameters Operating Temperature Storage Temperature 5.5 (Ø) x 51 (L) a Loss includes connector pair. b At edge of clear channel passband. c Nominal overall length. Standard package length without boots nominally 35mm. mm -5 to 70 -40 to 85 dB dB unit dB Insertion Loss a dB GHz dB Insertion Loss a dB dB dB Dimensions c (standard packaging) ps/nm dB dB ps/nm °C °C Example Performance 100GHz OADM filter performance at -5C, 25C, and 70C -30 -25 -20 -15 -10 -5 0 1555 1555.5 1556 1556.5 Wavelength (nm) |
Número de pieza similar - CB1ZFU4515533290653 |
|
Descripción similar - CB1ZFU4515533290653 |