Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14EX8-TF15 Datasheet(PDF) 8 Page - Simtek Corporation

No. de pieza STK14EX8-TF15
Descripción Electrónicos  512Kx8 Autostore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIMTEK [Simtek Corporation]
Página de inicio  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EX8-TF15 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK14EX8-TF15 Datasheet HTML 4Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 5Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 6Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 7Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 8Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 9Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 10Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 11Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Simtek Confidential
April, 2007
Document Control #ML0060 Rev 1.0
STK14EC8
Preliminary
SOFTWARE-CONTROLLED STORE/RECALL CYCLEk,l
Note k:
The software sequence is clocked with E controlled READs or G controlled READs
Note l:
The six consecutive addresses must be read in the order listed in the Mode Selection Table. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E CONTROLLEDl
SOFTWARE STORE/RECALL CYCLE: G CONTROLLEDl
NO.
Symbols
PARAMETER
STK14EC8-15
STK14CA8-25
STK14CA8-45
UNITS
NOTES
E Cont
G Cont
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
15
25
45
ns
k,l
27
tAVEL
tAVGL
tAS
Address Set-up Time
0
0
0
ns
28
tELEH
tGLGH
tCW
Clock Pulse Width
12
20
30
ns
29
tEHAX
tGHAX
Address Hold Time
1
1
1
ns
30
tRECALL
tRECALL
RECALL Duration
100
100
100
μs
DQ (DATA)
G
E
26
tAVAV
DATA VALID
ADDRESS
ADDRESS #1
HIGH IMPEDENCE
27
tAVEL
29
tEHAX
28
tELEH
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
DATA VALID
/
ADDRESS
E
G
DQ (DATA)
26
tAVAV
DATA VALID
ADDRESS #1
HIGH IMPEDENCE
29
tGHAX
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
27
tAVGL
28
tGLGH
DATA VALID
/


Número de pieza similar - STK14EX8-TF15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15 SIMTEK-STK14EC16-BF15 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15I SIMTEK-STK14EC16-BF15I Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15ITR SIMTEK-STK14EC16-BF15ITR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15TR SIMTEK-STK14EC16-BF15TR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results

Descripción similar - STK14EX8-TF15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com