Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STK14EX8-TF25 Datasheet(PDF) 9 Page - Simtek Corporation |
|
STK14EX8-TF25 Datasheet(HTML) 9 Page - Simtek Corporation |
9 / 18 page STK14EC8 9 Simtek Confidential April, 2007 Document Control #ML0060 Rev 1.0 Preliminary HARDWARE STORE CYCLE Note m: On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete HARDWARE STORE CYCLE SYMBOLS PARAMETER STK14EC8 UNITS NOTES Standard Alternate MIN MAX 1tDELAY tHLQZ Hardware STORE to SRAM Disabled 1 70 μsm 2tHLHX Hardware STORE Pulse Width 15 ns HSB (OUT) HSB (IN) DQ (DATA OUT) 31 SRAM Enabled 32 tHLHX SRAM Enabled 23 t STORE tDELAY Soft Sequence Commands Note n: This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register command. Note o: Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command. NO. SYMBOLS PARAMETER STK14EC8 UNITS NOTES Standard MIN MAX 33 tSS Soft Sequence Processing Time 70 μsn,o 31 32 Vcc 33 tSS ADDRESS ADDRESS #1 Soft Sequence Command ADDRESS #6 ADDRESS #1 Soft Sequence Command ADDRESS #6 33 tSS |
Número de pieza similar - STK14EX8-TF25 |
|
Descripción similar - STK14EX8-TF25 |